Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050_327 Datasheet(PDF) 10 Page - Glenair, Inc.

Part # 050_327
Description  PRODUCT BRIEF
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_327 Datasheet(HTML) 10 Page - Glenair, Inc.

Back Button 050_327 Datasheet HTML 6Page - Glenair, Inc. 050_327 Datasheet HTML 7Page - Glenair, Inc. 050_327 Datasheet HTML 8Page - Glenair, Inc. 050_327 Datasheet HTML 9Page - Glenair, Inc. 050_327 Datasheet HTML 10Page - Glenair, Inc. 050_327 Datasheet HTML 11Page - Glenair, Inc. 050_327 Datasheet HTML 12Page - Glenair, Inc. 050_327 Datasheet HTML 13Page - Glenair, Inc. 050_327 Datasheet HTML 14Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497 ∙ TEL: 818-247-6000 ∙ FAX: 818-500-9912
www.glenair.com
PAGE 10 of 15
E-mail: sales@glenair.com
050-327 Product Brief
PCB Mount Transceiver
10 Gbps, MMF, 3.3V
FIGURE 4
RECOMMENDED HOST BOARD POWER SUPPLY FILTERING CIRCUIT
Fiber Compatibility
The transceiver is capable of transmission up to 300
meters with 50/125 μm high Bandwidth OM3 MM fiber with 10.3125
Gbps (10G Ethernet signals) and up to 400 meters with high bandwidth OM4 MMF at 10.3125 Gbps (10G Ethernet
signals).
Electrostatic Discharge (ESD)
The Transceiver is compatible with ESD levels found in typical manufacturing and operating environments as described
JEDEC EIA JESD22-A114-A, Class 1 (<2000Volts) HBM. Glenair recommends that devices are handled with ESD
precautions to limit exposure to below 500V HBM.
There are two design cases in which immunity to ESD damage is important. The first case is during handling of the
transceiver prior to insertion to the host board. To protect the transceiver, it’s important to use standard industry ESD
handling precautions. These precautions include using grounded wrist straps, work benches, and floor mats in ESD
controlled areas. The ESD sensitivity of the Glenair PCB Mount transceiver is compatible with typical industry production
environments.
The second case to consider is static discharges to the exterior of the host equipment after installation, in which case the
transceiver may be subject to system-level ESD requirements.


Similar Part No. - 050_327

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
logo
ITT Industries
050-327-7609229 ITT-050-327-7609229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
logo
Molex Electronics Ltd.
0505327225 MOLEX7-0505327225 Datasheet
94Kb / 2P
   Parallel Splice for 14-16 AWG, Closed Uninsulated Barrel, Oxygen Free Copper Length 8.00mm (.315")
0505327325 MOLEX7-0505327325 Datasheet
93Kb / 2P
   Parallel Splice for 10-12 AWG, Closed Uninsulated Barrel, Oxygen Free CopperLength 8.50mm (.335")
More results

Similar Description - 050_327

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
   PRODUCT BRIEF
logo
List of Unclassifed Man...
BMD101 ETC-BMD101 Datasheet
933Kb / 14P
   BMD101 Product Brief
June 11, 2012 Rev 0.9.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com