Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050_318 Datasheet(PDF) 9 Page - Glenair, Inc.

Part # 050_318
Description  PRODUCT BRIEF
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_318 Datasheet(HTML) 9 Page - Glenair, Inc.

Back Button 050_318 Datasheet HTML 5Page - Glenair, Inc. 050_318 Datasheet HTML 6Page - Glenair, Inc. 050_318 Datasheet HTML 7Page - Glenair, Inc. 050_318 Datasheet HTML 8Page - Glenair, Inc. 050_318 Datasheet HTML 9Page - Glenair, Inc. 050_318 Datasheet HTML 10Page - Glenair, Inc. 050_318 Datasheet HTML 11Page - Glenair, Inc. 050_318 Datasheet HTML 12Page - Glenair, Inc. 050_318 Datasheet HTML 13Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
©2013 Glenair, Inc.
REV: E
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 9 of 15
E-mail: sales@glenair.com
050-318 Product Brief
PCB Mount Transceiver for Single Mode Fiber
100 Mbps – 2.5 Gbps, 3.3V
monitor for Transmitter Faults (TX_FAULT), and monitor for Receiver Loss of Signal (RX_LOS). The diagnostic
information provides the opportunity for Predictive Failure Identification, Compliance Prediction, Fault Isolation and
Component Monitoring.
Predictive Failure Identification
The predictive failure feature allows a host to identify potential link problems before system performance is impacted. Prior
identification of link problems enables a host to service an application via “fail over” to a redundant link or replace a
suspect device, maintaining system uptime in the process. For applications where ultra-high system uptime is required,
the PCB mount Transceiver provides a means to monitor two real-time laser metrics associated with observing laser
degradation and predicting failure: average laser bias current (Tx_Bias) and average laser optical power (Tx_Power).
Compliance Prediction
Compliance prediction is the ability to determine if an optical transceiver is operating within its operating and
environmental requirements. The PCB mount Transceiver provide real-time access to transceiver internal supply voltage
and temperature, allowing a host to identify potential component compliance issues. Received optical power is also
available to assess compliance of fiber cable plant and remote transmitter. When operating out of requirements, the link
cannot guarantee error free transmission.
Fault Isolation
The fault isolation feature allows a host to quickly pinpoint the location of a link failure, minimizing downtime. For optical
links, the ability to identify a fault at a local device, remote device or cable plant is crucial to speeding service of an
installation. PCB mount Transceiver real-time monitors of Tx_Bias, Tx_Power, Vcc, Temperature and Rx_Power can be
used to assess local transceiver current operating conditions. In addition, status flag Rx Loss of Signal (LOS) is mirrored
in memory and available via the two-wire serial interface.
Component Monitoring
Component evaluation is another use of the PCB mount Transceiver real-time monitors of Tx_Bias, Tx_Power, Vcc,
Temperature and Rx_Power. Potential uses are as debugging aids for system installation and design, and transceiver
parametric evaluation for factory or field qualification. For example, temperature per module can be observed in high
density applications to facilitate thermal evaluation of systems that incorporate this PCB mount transceiver
Required Host Board Components
A power supply noise rejection filter as describe in SFP MSA is required on the host PCB to meet data sheet
performance. This is filter incorporates an inductor which should be rated to
400 mADC and 1 Ω series resistance or
better. It should not be replaced with a ferrite. The required filter is illustrated in Figure 4. Also, the host PCB for the PCB
mount
transceiver requires 4.7 K to 10 KΩ pull-up resistors for TX_FAULT, LOS, SCA and SDL lines.


Similar Part No. - 050_318

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-310-7603229 ITT-050-310-7603229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-310-7604229 ITT-050-310-7604229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-311-7503229 ITT-050-311-7503229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-311-7504229 ITT-050-311-7504229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
logo
Glenair, Inc.
050-313 GLENAIR-050-313 Datasheet
290Kb / 4P
   Opto-Electronic Transceiver
More results

Similar Description - 050_318

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
logo
List of Unclassifed Man...
BMD101 ETC-BMD101 Datasheet
933Kb / 14P
   BMD101 Product Brief
June 11, 2012 Rev 0.9.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com