Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT2257AW-ESR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CMT2257AW-ESR
Description  300 ??960 MHz OOK/(G)FSK Receiver with Decoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2257AW-ESR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CMT2257AW-ESR Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT2257AW-ESR Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT2257AW-ESR Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2257AW-ESR Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2257AW-ESR Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMT2257AW
Rev 1.0 | Page 1 / 5
www.hoperf.com
CMT2257AW
300 – 960 MHz OOK/(G)FSK Receiver with Decoder
Copyright © By CMOSTEK
Ordering Information
Part Number
Frequency
Package
MOQ
CMT2257AW-EQR
868.35 MHz
QFN16
5,000 pcs
CMT2257AW-ESR
868.35 MHz
SOP16
2,500 pcs
QFN16 (3X3)
SOP16
Features
Embedded EEPROM
 Very Easy Development with RFPDK
 All Features Programmable
3-wire SPI Interface for EEPROM Programming
Frequency Range: 300 to 960 MHz
Symbol Rate: 0.1 to 100 ksps
Sensitivity: -109 dBm @ 9.6 ksps, FSK, 868.35 MHz
Stand-Alone, No External MCU Control Required
Embedded 1920, 1527 and 2262 Data Decoder
4 Data Outputs
Configurable Duty-Cycle Receive Mode
Low Power Consumption: 5.7 mA
Low Sleep Current
 60 nA When Sleep Timer Off
 440 nA When Sleep Timer On
ID Study, Factory Code Supported
RoHS Compliant
Available in QFN16(3x3) and SOP16 Packages
Applications
Low-Cost Consumer Electronics Applications
Remote Control
Smart LED Control (On/Off Dimming)
Home Security and Alarm
Garage and Gate Openers
Home and Building Automation
Industrial Monitoring and Controls
Sensor Networks
Health Monitors
Remote Keyless Entry (RKE)
Descriptions
The CMT2257AW is a true single-chip, ultra low power and
high performance device that consists of an OOK/(G)FSK
RF receiver, a data decoder and 4 data output pins for
various 300 to 960 MHz wireless applications. The device
integrates a data decoder which is compatible with the most
common used encoding format of 1527 and 2262, as well
as a more flexible format of 1920 designed by CMOSTEK.
The device delivers sensitivity up to -109 dBm (FSK, 9.6
ksps symbol rate, 868.35 MHz) while consuming only 5.7
mA current when it is always on. An embedded EEPROM
allows the frequency, symbol rate and other features to be
programmed into the device using the CMOSTEK USB
Programmer and RFPDK. Alternatively, in stock product of
868.35 MHz is available for immediate demands with no
need of EEPROM programming. When pairing the device to
CMOSTEK transmitters, the synchronization ID can be
programmed into both of the transmitter and receiver during
the manufacturing phase, or studied by the receiver from
the
transmitter
remotely
by
end
customers.
The
CMT2257AW is part of the CMOSTEK NextGenRF
TM family,
together with CMT215x series transmitters, they enable
ultra high performance, low power consumption RF links.


Similar Part No. - CMT2257AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2250AW-EDB ETC2-CMT2250AW-EDB Datasheet
355Kb / 4P
   300 ??480 MHz OOK Receiver with Decoder
CMT2250AW-EQR ETC2-CMT2250AW-EQR Datasheet
355Kb / 4P
   300 ??480 MHz OOK Receiver with Decoder
CMT2250AW-ESR ETC2-CMT2250AW-ESR Datasheet
355Kb / 4P
   300 ??480 MHz OOK Receiver with Decoder
CMT2251AW-EQR ETC2-CMT2251AW-EQR Datasheet
303Kb / 3P
   300 ??480 MHz OOK Receiver with Decoder and 1 PWM Output
More results

Similar Description - CMT2257AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2250AW-EQR ETC2-CMT2250AW-EQR Datasheet
355Kb / 4P
   300 ??480 MHz OOK Receiver with Decoder
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
   Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
logo
List of Unclassifed Man...
CMT2210AW-EQR ETC2-CMT2210AW-EQR Datasheet
896Kb / 28P
   Low-Cost 300 ??960 MHz OOK Stand-Alone RF Receiver
CMT2251AW-EQR ETC2-CMT2251AW-EQR Datasheet
303Kb / 3P
   300 ??480 MHz OOK Receiver with Decoder and 1 PWM Output
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com