Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

050_301 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 050_301
Description  Size 8 Cavity Opto-Electronic Contact
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_301 Datasheet(HTML) 3 Page - Glenair, Inc.

  050_301 Datasheet HTML 1Page - Glenair, Inc. 050_301 Datasheet HTML 2Page - Glenair, Inc. 050_301 Datasheet HTML 3Page - Glenair, Inc. 050_301 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
6
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Jan. 2013
050-301
Size 8 Cavity Opto-Electronic Contact
1.25mm ARINC 801 Terminus, 100Mbps – 4.25Gbps
Electrical Pin Arrangement: Transmitter
Pin Symbol
Description
Logic
1
TX
Disable
Transmit Disable (Input)
Logic “1” Input
Disable Transmitter Output
CmOS
Internal 4.7KOhm
pulldown
2
Vcc
Power Supply
3
GnD
Signal Ground
4
TX Fault
Transmitter Fault Indicator (Output)
Logic “1” Output
Transmitter Fault Condition
CmOS
Open Drain
5
TX-
Transmitter Inverted Data (Input)
CmL (Current
mode Logic
6
TX+
Transmitter non-Inverted Data
(Input)
CmL (Current
mode Logic
note: 50 µm fiber output
Absolute Max. Rating: Transmitter
Parameter
symbol
Min.
typ.
Max.
unit
Storage
Temperature
Ts
-55
+100
°C
Supply Voltage
Vcc
-0.4
+4
V
Tx Disable Input
Voltage
V
Disable
-0.4
Vcc
V
Operating Conditions: Transmitter
Parameter
symbol
Min.
typ.
Max.
unit
Operating
Temperature
Top
-40
+85
°C
Supply Voltages
Vcc
3.14
3.3
3.46
V
Differential
Input Voltage
Vid
250
2200
mVp-p
Power Supply
noise
VCCripple
0.15
Vp-p
Optical Transmitter
Parameter
symbol
Min.
typ.
Max.
unit
Optical Output Power
Pout
-6.5
-1.5
dBm
Optical Wavelength
λ Out
830
850
860
nm
Spectral Width
Dl rms
0.85
nm
Extinction ratio
-01 (1.25 bps)
-02 (2.50 bps)
-03 (3.20 bps)
-04 (4.25 bps)
Er
6.0
10
dB
Total Jitter
TJ
60
ps
Transmitter Power Supply Current VCC = 3.14 to 3.46V
Parameter
symbol
Min.
typ.
Max
unit
Supply
Current
ICC
50
90
mA
Transmitter: Example Optical Link Distances
Protocol
Fiber type
Distance
Gigabit
Ethernet
62.5/125µm, 200mHZ*Km
50/125µm, 500mHZ*Km
275 meters
550 meters
Recommended Interface Circuit
tRansmitteR
Optical
Output
LD
monitor
PD
GnD
3
tx
Fault
tx
Disable
4
1
tx-
5
tx+ 6
Vcc
Ferrite Bead 150 Ohms minimum
@100mhz
2
0.01μF 0.1μF 10μF
0.01μF
50Ω Transmission Line
50Ω Transmission Line
Vcc=3.3v
Vcc=3.3v
4.7kΩ
0.01μF
100
Transmitter


Similar Part No. - 050_301

ManufacturerPart #DatasheetDescription
Glenair, Inc.
Glenair, Inc.
050-301 GLENAIR-050-301 Datasheet
367Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
More results

Similar Description - 050_301

ManufacturerPart #DatasheetDescription
Glenair, Inc.
Glenair, Inc.
050_308 GLENAIR-050_308 Datasheet
426Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-307 GLENAIR-050-307 Datasheet
359Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-308 GLENAIR-050-308 Datasheet
426Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-301 GLENAIR-050-301 Datasheet
367Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050_307 GLENAIR-050_307 Datasheet
359Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-313 GLENAIR-050-313 Datasheet
290Kb / 4P
   Opto-Electronic Transceiver
050_303 GLENAIR-050_303 Datasheet
279Kb / 7P
   Opto-Electronic Transceiver
050-303 GLENAIR-050-303 Datasheet
279Kb / 7P
   Opto-Electronic Transceiver
050_313 GLENAIR-050_313 Datasheet
290Kb / 4P
   Opto-Electronic Transceiver
059-0001 GLENAIR-059-0001 Datasheet
208Kb / 2P
   D38999 Size 8 Cavity Adapter Kit
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com