Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT2210AW-ESR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMT2210AW-ESR
Description  Low-Cost 300 ??960 MHz OOK Stand-Alone RF Receiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2210AW-ESR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMT2210AW-ESR Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
CMT2210/17AW
Rev 1.3 | Page 2/28
www.hoperf.com
Typical Application
U1
CMT2210/17AW
XIN
XOUT
CLKO
DOUT
GND
RFIN
GND
VDD
L1
C1
C0
ANT
13
14
15
16
5
6
7
8
C 2
X 1
DOUT
VDD
J1
1
2
3
4
5
CSB
SDA
SCL
L2
C3
VDD
Figure 1. CMT2210/17AW Typical Application Schematic
Table 1. BOM of 433.92/868.35 MHz Typical Application
[1]
Designator
Descriptions
Value (Match to 50
Ω ANT)
Value (Common Used ANT)
Unit
Manufacturer
433.92 MHz
868.35 MHz
433.92 MHz
868.35 MHz
U1
CMT2210/17AW, low-cost
300 – 960 MHz OOK
stand-alone RF receiver
-
-
-
CMOSTEK
X1
±20 ppm, SMD32*25 mm,
crystal
26
26
MHz
EPSON
L1
±5%, 0603 multi-layer chip
inductor
27
6.8
33
6.8
nH
Murata LQG18
L2
[2]
±5%, 0603 multi-layer chip
inductor, for QFN16
22
3.9
22
3.9
nH
Murata LQG18
±5%, 0603 multi-layer chip
inductor, for SOP16
15
--
15
--
C1
±0.25 pF, 0402 NP0, 50 V
3.3
2.7
2.7
2.7
pF
Murata GRM15
C0
±20%, 0402 X7R, 25 V
0.1
0.1
uF
Murata GRM15
C2, C3
±5%, 0402 NP0, 50 V
27
27
pF
Murata GRM15
Note:
[1]. The 868.35 MHz application is for CMT2217AW only.
[2]. CMT2210AW devices in QFN16 and SOP16 packages share the same BOM except for the L2.
Table 2. Product Selection Table
Product
Modulation/
Frequency
Sensitivity
Rx Current
Embedded
EEPROM
Package
CMT2210AW
OOK/
300-480 MHz
-113 dBm
(433.92 MHz, 1 ksps, 0.1% BER)
3.8 mA
(433.92 MHz)
QFN16(3x3)/
SOP16
CMT2217AW
OOK/
300-960 MHz
-110 dBm
(868.35 MHz, 1 ksps, 0.1% BER)
5.2 mA
(868.35 MHz)
QFN16(3x3)
Note: Connector J1 is for
EEPROM Programming


Similar Part No. - CMT2210AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2210LW-ESB ETC2-CMT2210LW-ESB Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2210LW-ESR ETC2-CMT2210LW-ESR Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
More results

Similar Description - CMT2210AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
   Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
   300 ??960 MHz OOK/(G)FSK Receiver with Decoder
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
   Low-Cost 240 ??960 MHz OOK Transmitter
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
   240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
CMT2250AW-EQR ETC2-CMT2250AW-EQR Datasheet
355Kb / 4P
   300 ??480 MHz OOK Receiver with Decoder
RF83 ETC2-RF83 Datasheet
500Kb / 22P
   300~440MHz ASK/OOK Receiver
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
Silicon Laboratories
SI4312 SILABS-SI4312 Datasheet
204Kb / 22P
   315/433.92 MHZ OOK RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com