Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050_206 Datasheet(PDF) 10 Page - Glenair, Inc.

Part # 050_206
Description  Dual-DVI Copper to Fiber Media Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_206 Datasheet(HTML) 10 Page - Glenair, Inc.

Back Button 050_206 Datasheet HTML 6Page - Glenair, Inc. 050_206 Datasheet HTML 7Page - Glenair, Inc. 050_206 Datasheet HTML 8Page - Glenair, Inc. 050_206 Datasheet HTML 9Page - Glenair, Inc. 050_206 Datasheet HTML 10Page - Glenair, Inc. 050_206 Datasheet HTML 11Page - Glenair, Inc. 050_206 Datasheet HTML 12Page - Glenair, Inc. 050_206 Datasheet HTML 13Page - Glenair, Inc. 050_206 Datasheet HTML 14Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
©2014 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 10 of 15
E-mail: sales@glenair.com
050-206
Dual-DVI Copper to Fiber Media Converter
D38999 (Signal, BIT), D38999 (Power), D38999 (Fiber Optic)
Ratings and Specifications - (continued)
COMPLIANCE SPECIFICATIONS
CHARACTERISTIC
Standard
Condition
Notes
Mechanical Shock
MIL-STD-810
40g
6-9rms
Mechanical Vibration
MIL-STD-810
30g rms
ESD
MIL-STD-883
Class II
2200V HBM
Conducted Emissions,
Power Leads, 30 Hz to 10 kHz
MIL-STD-461F
CE101
Conducted Emissions,
Power Leads, 10 kHz to 10 MHz
MIL-STD-461F
CE102
Conducted Susceptibility,
Power Leads, 30 Hz to 150KHz
MIL-STD-461F
CS101
Conducted Susceptibility, Transients,
Power Leads
MIL-STD-461F
CS106
Conducted Susceptibility, Structure Current,
60 Hz to 100 kHz
MIL-STD-461F
CS109
Conducted Susceptibility,
Bulk Cable Injection, 10 kHz to 200 MHz
MIL-STD-461F
CS114
Radiated Susceptibility,
Magnetic Field, 30 Hz to 100 kHz
MIL-STD-461F
RS101
Radiated Susceptibility,
Electric Field, 2 MHz to 18 GHz
MIL-STD-461F
RS103
Radiated Emissions, Magnetic Field,
30 Hz to 100 kHz
MIL-STD-461F
RE101
Radiated Emissions, Electric Field,
10 kHz to 18 GHz
MIL-STD-461F
RE102
Mating Durability
MIL-DTL-38999/20
500 Cycles
Flame Resistance
EIA364-104
30 seconds
Damp Heat
EIA364-321
240 hours
Aircraft Electrical Power Characteristics
MIL-STD-704F
28V DC Systems
Eye Safety
CDRH and IEC-825
Class 1 Laser
Product


Similar Part No. - 050_206

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-206 GLENAIR-050-206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
More results

Similar Description - 050_206

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-206 GLENAIR-050-206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050-501 GLENAIR-050-501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com