Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT2150AW-ESB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMT2150AW-ESB
Description  240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2150AW-ESB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMT2150AW-ESB Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
CMT2150AW
Rev 0.8 | Page 2/31
www.hoperf.com
Typical Application
ANT
VDD
U1
C2
L2
C1
L1
C0
SW7
SW6
SW5
LED
VDD
GND
RFO
K7
K6
K5
1
2
3
4
5
6
7
D1
8
9
10
11
12
13
14
SW4
SW3
SW2
SW1
XTAL
CLK
DATA
K1
K2
K3
K4
X1
CLK
DATA
CLK
DATA
J1
1
2
3
4
VDD
CMT2150AW
Note: Connector J1 is for
EEPROM Programming
Figure 1. CMT2150AW Typical Application Schematic
Table 1. BOM of 315/433.92 MHz Typical Application
Designator
Descriptions
Value
Unit
Manufacturer
315 MHz
433.92 MHz
U1
CMT2150AW, 240 – 480 MHz OOK stand-alone
transmitter with encoder
-
-
CMOSTEK
X1
±20 ppm, SMD32*25 mm crystal
26
MHz
EPSON
C0
±20%, 0402 X7R, 25 V
0.1
uF
Murata GRM15
C1
±5%, 0402 NP0, 50 V
82
82
pF
Murata GRM15
C2
±5%, 0402 NP0, 50 V
9.1
9.1
pF
Murata GRM15
L1
±5%, 0603 multi-layer chip inductor
180
180
nH
Murata LQG18
L2
±5%, 0603 multi-layer chip inductor
39
22
nH
Murata LQG18
D1
D0603, red LED
-
-
-
SW[7:1]
Push buttons
-
-
-


Similar Part No. - CMT2150AW-ESB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2157AW-ESB ETC2-CMT2157AW-ESB Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
More results

Similar Description - CMT2150AW-ESB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
   Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2210AW-EQR ETC2-CMT2210AW-EQR Datasheet
896Kb / 28P
   Low-Cost 300 ??960 MHz OOK Stand-Alone RF Receiver
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
   Low-Cost 240 ??960 MHz OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2250AW-EQR ETC2-CMT2250AW-EQR Datasheet
355Kb / 4P
   300 ??480 MHz OOK Receiver with Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com