Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT2119AW-ESR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMT2119AW-ESR
Description  240 ??960 MHz (G)FSK/OOK Transmitter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2119AW-ESR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMT2119AW-ESR Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
CMT2119AW
Rev 0.9 | Page 2/29
www.hoperf.com
Typical Application
DATA
U1
XTAL
VDD
GND
RFO
1
2
3
5
6
X1
4
CLK
DATA
L2
L1
C2
C1
C0
VDD
VDD
CMT2119AW
ANT
CLK
Note: Connector
J1 is for EEPROM
Programming
DATA
CLK
J1
VDD
1
2
3
4
U2
DATA
CLK
MCU
Optional
Figure 1. CMT2119AW Typical Application Schematic
Table 1. BOM of 433.92/868.35 MHz Low-Cost Application
Designator
Descriptions
Value
Unit
Manufacturer
433.92 MHz
868.35 MHz
U1
CMT2119AW, 240 – 960 MHz (G)FSK/OOK
transmitter
-
-
CMOSTEK
U2
Optional MCU for on-line register
configuration
-
-
-
X1
±20 ppm, SMD32*25 mm crystal
26
MHz
EPSON
C0
±20%, 0402 X7R, 25 V
0.1
uF
Murata GRM15
C1
±5%, 0402 NP0, 50 V
82
82
pF
Murata GRM15
C2
±5%, 0402 NP0, 50 V
9
3.9
pF
Murata GRM15
L1
±5%, 0603 multi-layer chip inductor
180
100
nH
Murata LQG18
L2
±5%, 0603 multi-layer chip inductor
27
8.2
nH
Murata LQG18


Similar Part No. - CMT2119AW-ESR

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
CMT2119AW-ESR IET-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
More results

Similar Description - CMT2119AW-ESR

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
   Low-Cost 240 ??960 MHz OOK Transmitter
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
   300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
List of Unclassifed Man...
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
   240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
logo
Silicon Laboratories
SI4012-C1001GT SILABS-SI4012-C1001GT Datasheet
466Kb / 50P
   Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com