Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1142 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1142
Description  Inductorless -2x Boost/Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1142 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1142 Datasheet HTML 4Page - Microchip Technology TC1142 Datasheet HTML 5Page - Microchip Technology TC1142 Datasheet HTML 6Page - Microchip Technology TC1142 Datasheet HTML 7Page - Microchip Technology TC1142 Datasheet HTML 8Page - Microchip Technology TC1142 Datasheet HTML 9Page - Microchip Technology TC1142 Datasheet HTML 10Page - Microchip Technology TC1142 Datasheet HTML 11Page - Microchip Technology TC1142 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC1142
DS21360B-page 8
 2002 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Package marking data not available at this time.
4.2
Taping Form
4.3
Package Dimensions
Component Taping Orientation for 8-Pin MSOP Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
8-Pin MSOP
12 mm
8 mm
2500
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
User Direction of Feed
PIN 1
Standard Reel Component Orientation
for TR Suffix Device
P
8-Pin MSOP
.122 (3.10)
.114 (2.90)
.122 (3.10)
.114 (2.90)
.043 (1.10)
MAX.
.006 (0.15)
.002 (0.05)
.016 (0.40)
.010 (0.25)
.197 (5.00)
.189 (4.80)
.008 (0.20)
.005 (0.13)
.028 (0.70)
.016 (0.40)
6
° MAX.
.026 (0.65) TYP.
PIN 1
Dimensions: inches (mm)


Similar Part No. - TC1142

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TC114-2830-L-S SAMTEC-TC114-2830-L-S Datasheet
209Kb / 2P
   ACCLIMATE DISCRETE WIRE TERMINAL
logo
SeCoS Halbleitertechnol...
TC114TSA SECOS-TC114TSA Datasheet
199Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
TC114WSA SECOS-TC114WSA Datasheet
386Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
TC114YSA SECOS-TC114YSA Datasheet
255Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - TC1142

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Micrel Semiconductor
MIC3385 MICREL-MIC3385_15 Datasheet
547Kb / 15P
   8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385_10 Datasheet
558Kb / 14P
   8MHz Inductorless Buck Regulator with LDO Standby Mode
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
   Buck or buck-boost pre-regulator
logo
ON Semiconductor
FAN49101 ONSEMI-FAN49101 Datasheet
484Kb / 4P
   TinyPower I2C Buck-Boost Regulator
September 2016 Rev.1.1
FAN49103 ONSEMI-FAN49103 Datasheet
1Mb / 21P
   TinyPower I2C Buck-Boost Regulator
December 2017 Rev.2
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338_V01 Datasheet
840Kb / 51P
   Bidirectional Buck-Boost Voltage Regulator
Jul.18.19
logo
Texas Instruments
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com