Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050_119 Datasheet(PDF) 5 Page - Glenair, Inc.

Part # 050_119
Description  4-Port Unmanaged Ethernet Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_119 Datasheet(HTML) 5 Page - Glenair, Inc.

  050_119 Datasheet HTML 1Page - Glenair, Inc. 050_119 Datasheet HTML 2Page - Glenair, Inc. 050_119 Datasheet HTML 3Page - Glenair, Inc. 050_119 Datasheet HTML 4Page - Glenair, Inc. 050_119 Datasheet HTML 5Page - Glenair, Inc. 050_119 Datasheet HTML 6Page - Glenair, Inc. 050_119 Datasheet HTML 7Page - Glenair, Inc. 050_119 Datasheet HTML 8Page - Glenair, Inc. 050_119 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
©2014 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 5 of 15
E-mail: sales@glenair.com
050-119
4-Port Ethernet Switch: 2 Electrical Ports & 2 Fiber optic Ports
Panel Mount, 10/100/1000BASE-T, 1000BASE-SX/LS/FX
Built In Test (BIT) Functionality - Optional Features
This media converter can be offered with built in test functionality accessible through a Console Port via Universal Serial
Bus 2.0 (USB 2.0) or via RS422 UART (TXD) or both options can be made available. Functional block diagram for this is
shown below.
Universal Serial Bus (2.0) BIT
Presents itself as a “Virtual” Communications Port
Compatible with Microsoft Windows, Mac, and Linux OS’s.
On the computer side, open any terminal application (PuTTY, HyperTERM, TeraTERM, etc.) to communicate with
the media converter hardware.
Simple “Human Readable” status messages.


Similar Part No. - 050_119

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-119 GLENAIR-050-119 Datasheet
635Kb / 15P
   4-Port Unmanaged Ethernet Switch
More results

Similar Description - 050_119

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-119 GLENAIR-050-119 Datasheet
635Kb / 15P
   4-Port Unmanaged Ethernet Switch
logo
Brainboxes Limited
SW-504 BRAINBOXE-SW-504 Datasheet
1Mb / 4P
   4 Port Unmanaged Ethernet Switch DIN Mountable
SW-715 BRAINBOXE-SW-715 Datasheet
1Mb / 4P
   4 Port Unmanaged Ethernet Switch DIN Mountable
logo
Zarlink Semiconductor I...
MVTX2801 ZARLINK-MVTX2801 Datasheet
1Mb / 106P
   Unmanaged 4-Port 1000 Mbps Ethernet Switch
logo
Black Box Registered Tr...
SW-104 BLACKBOX-SW-104 Datasheet
1Mb / 4P
   4 Port Unmanaged Ethernet Switch 10/100
logo
ORing Industrial Networ...
TES-1080-M12 ORING-TES-1080-M12 Datasheet
3Mb / 4P
   8-port unmanaged Ethernet switch
logo
Glenair, Inc.
052_101 GLENAIR-052_101 Datasheet
645Kb / 10P
   7-Port Unmanaged Ethernet Switch
logo
ORing Industrial Networ...
TES-1080-M12-BP2 ORING-TES-1080-M12-BP2 Datasheet
3Mb / 4P
   8-port unmanaged Ethernet switch
logo
Glenair, Inc.
052-101 GLENAIR-052-101 Datasheet
645Kb / 10P
   7-Port Unmanaged Ethernet Switch
logo
ORing Industrial Networ...
TES-150-M12 ORING-TES-150-M12 Datasheet
3Mb / 4P
    5-port unmanaged Ethernet switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com