Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050_112 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 050_112
Description  Media Converter, Dual or Single Channel
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_112 Datasheet(HTML) 2 Page - Glenair, Inc.

  050_112 Datasheet HTML 1Page - Glenair, Inc. 050_112 Datasheet HTML 2Page - Glenair, Inc. 050_112 Datasheet HTML 3Page - Glenair, Inc. 050_112 Datasheet HTML 4Page - Glenair, Inc. 050_112 Datasheet HTML 5Page - Glenair, Inc. 050_112 Datasheet HTML 6Page - Glenair, Inc. 050_112 Datasheet HTML 7Page - Glenair, Inc. 050_112 Datasheet HTML 8Page - Glenair, Inc. 050_112 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2014 Glenair, Inc.
REV: 3
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 2 of 15
E-mail: sales@glenair.com
050-112
Media Converter, Single or Dual Channel, Panel Mount
10/100/1000BASE-T to Fiber Optic Ethernet (SX, LX10 or FX)
10/100/1000BASE-T to 1000BASE-SX, 1000BASE-LX10 or 100BASE-FX
The Glenair 050-112 is a 10/100/1000BASE-T to Fiber Media converter that can
be configured for 1 or 2 channels and can support conversion to 1000BASE-SX,
1000BASE-LX or 100BASE-FX protocols. It is designed for harsh environments
and incorporates electronics in an environmentally sealed enclosure that
incorporates two environmental connectors. One connector, M38999, is utilized
for power and electrical signal and the second connector, GFOCA, is used for the
Fiber Optic signals and can be configured to support either single mode or multi-
mode fiber applications.
KEY FEATURES/BENEFITS
1310nm FP Lasers for 1000BASE-LX10
InGaAs PIN PD for 1000BASE-LX10
850nm Lasers for 1000BASE-SX
GaAs PIN PD for 1000BASE-SX
1300nm LED for 100BASE-FX
PIN PD for 100BASE-FX
Wide Input Voltage Range: 5-36V
Electrical Interface compliant with IEEE
802.3 (10/100/1000BASE-T)
Optical Interface compliant with IEEE 802.3
(1000BASE-LX10 or 1000BASE-SX
Magnetics on the electrical signal input side to support
10/100/1000BASE-T operation over 100m Cat 5E
IP67 in mated condition
38999 Electrical Signal & Power
GFOCA Fiber Optic Connector
Panel Mount
OPTIONAL FEATURES
Built In Test Console Port accessible via USB2.0
Built in Test Console Port accessible via UART RS422
APPLICATIONS
Harsh Environment Ethernet for Airborne, Tactical and
Shipboard applications


Similar Part No. - 050_112

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
More results

Similar Description - 050_112

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_123 GLENAIR-050_123 Datasheet
667Kb / 13P
   Copper to Fiber Single Channel Ethernet Media Converter
050-123 GLENAIR-050-123 Datasheet
667Kb / 13P
   Copper to Fiber Single Channel Ethernet Media Converter
050_110 GLENAIR-050_110 Datasheet
758Kb / 13P
   Media Converter, Single Channel 1000BASE-T to 1000BASE-LX10
050_113 GLENAIR-050_113 Datasheet
627Kb / 15P
   Media Converter
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
050-113 GLENAIR-050-113 Datasheet
627Kb / 15P
   Media Converter
050-115 GLENAIR-050-115 Datasheet
588Kb / 13P
   Media Converter
050_115 GLENAIR-050_115 Datasheet
588Kb / 13P
   Media Converter
logo
Bel Fuse Inc.
T2F-DTL002-24V BEL-T2F-DTL002-24V Datasheet
760Kb / 2P
   Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com