Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050_110 Datasheet(PDF) 6 Page - Glenair, Inc.

Part # 050_110
Description  Media Converter, Single Channel 1000BASE-T to 1000BASE-LX10
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_110 Datasheet(HTML) 6 Page - Glenair, Inc.

Back Button 050_110 Datasheet HTML 2Page - Glenair, Inc. 050_110 Datasheet HTML 3Page - Glenair, Inc. 050_110 Datasheet HTML 4Page - Glenair, Inc. 050_110 Datasheet HTML 5Page - Glenair, Inc. 050_110 Datasheet HTML 6Page - Glenair, Inc. 050_110 Datasheet HTML 7Page - Glenair, Inc. 050_110 Datasheet HTML 8Page - Glenair, Inc. 050_110 Datasheet HTML 9Page - Glenair, Inc. 050_110 Datasheet HTML 10Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©2013 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 6 of 13
E-mail: sales@glenair.com
050-110
Media Converter, Single Channel
10/100/1000BASE-T to 1000BASE-LX10, GFOCA, SMF, 5-36VDC
Built In Test (BIT) Functionality – UART
This media converter can be offered with built in test functionality accessible via an RS-422 Port. The UART Bit message
is a 10 bit message with an update rate of 1 Hz. The message format can be seen below.
ALARM STATUS MESSAGES
Fiber Link Status (Up or Down)
Copper Link Status (Up or Down)
Power Supply Status (In Range, or Fault)
SERIAL STATUS MESSAGE BIT MAPPING
Bit
Description
0
Channel 1 Fiber Optic TX Fault (1 = Fault, 0 = No Fault)
1
Channel 1 Ethernet copper Link UP (1 = Link Up, 0 = Link Down)
2
Channel 1 Power Supply Voltage “In Range” Fault (1 = Fault, 0 = No Fault)
3
Not used
4
Channel 2 Fiber Optic TX Fault (1 = Fault, 0 = No Fault)
5
Channel 2 Ethernet copper Link UP (1 = Link Up, 0 = Link Down)
6
Channel 2 Power Supply Voltage “In Range” Fault (1 = Fault, 0 = No Fault)
7
Not Used


Similar Part No. - 050_110

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
More results

Similar Description - 050_110

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_103 GLENAIR-050_103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX10 Media Converter
050_101 GLENAIR-050_101 Datasheet
260Kb / 4P
   1000BASE-T to 1000BASE-SX/LX media converter
logo
Axiomtek Co., Ltd.
EL9000 AXIOMTEK-EL9000 Datasheet
564Kb / 4P
   Hardened 1000BASE-T to 1000BASE-SX/LX/BX Media Converter
logo
Glenair, Inc.
050_104 GLENAIR-050_104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX10 Active Cable
logo
Axiomtek Co., Ltd.
EL2242 AXIOMTEK-EL2242 Datasheet
228Kb / 3P
   Hardened PoE 10/100/1000BASE-T to 100/1000BASE Dual Rate Media Converter
logo
Level One
GVT-2000 LVL1-GVT-2000 Datasheet
646Kb / 4P
   10/100/1000BASE-T to 1000BASE-X SFP Converter
logo
Axiomtek Co., Ltd.
EL9100 AXIOMTEK-EL9100 Datasheet
565Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
EL9100 AXIOMTEK-EL9100_17 Datasheet
819Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
EL2321 AXIOMTEK-EL2321_17 Datasheet
779Kb / 4P
   Managed 10/100/1000BASE-TX to 100BASE/1000BASE-X Dual Rate Media Converter
EL2321 AXIOMTEK-EL2321 Datasheet
373Kb / 4P
   Managed 10/100/1000BASE-TX to 100BASE/1000BASE-X Dual Rate Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com