Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3966ESX-3.3/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP3966ESX-3.3/NOPB
Description  3A Fast Ultra Low Dropout Linear Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3966ESX-3.3/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3966ESX-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LP3966ESX-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LP3966ESX-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LP3966ESX-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LP3966ESX-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LP3966ESX-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LP3966ESX-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LP3966ESX-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LP3966ESX-3.3/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LP3963, LP3966
www.ti.com
SNVS067H – APRIL 2000 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, VIN = VO(NOM) + 1.5V, VOUT= 2.5V, COUT = 33µF, IOUT = 10mA, CIN = 68µF, VSD = VIN, and TA =
25°C.
δVOUT
vs
Temperature
Noise Density VIN = 3.5V, VOUT = 2.5V, IL = 10 mA
Figure 15.
Figure 16.
Line Transient Response
Line Transient Response
Figure 17.
Figure 18.
Line Transient Response (IOUT = 3.0A)
Line Transient Response (IOUT = 3.0A)
Figure 19.
Figure 20.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3963 LP3966


Similar Part No. - LP3966ESX-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3966ESX-3.3 NSC-LP3966ESX-3.3 Datasheet
250Kb / 14P
   3A Fast Ultra Low Dropout Linear Regulators
LP3966ESX-3.3 NSC-LP3966ESX-3.3 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3966ESX-3.3 NSC-LP3966ESX-3.3 Datasheet
769Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3966ESX-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
   3A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963 Datasheet
250Kb / 14P
   3A Fast Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873_06 Datasheet
754Kb / 16P
   3A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
   3A Fast Response Ultra Low Dropout Linear Regulators
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com