Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3008CBKV Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NX3008CBKV
Description  30 / 30 V 400 / 220 mA N/P-channel Trench MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3008CBKV Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NX3008CBKV Datasheet HTML 7Page - NXP Semiconductors NX3008CBKV Datasheet HTML 8Page - NXP Semiconductors NX3008CBKV Datasheet HTML 9Page - NXP Semiconductors NX3008CBKV Datasheet HTML 10Page - NXP Semiconductors NX3008CBKV Datasheet HTML 11Page - NXP Semiconductors NX3008CBKV Datasheet HTML 12Page - NXP Semiconductors NX3008CBKV Datasheet HTML 13Page - NXP Semiconductors NX3008CBKV Datasheet HTML 14Page - NXP Semiconductors NX3008CBKV Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NX3008CBKV
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 29 July 2011
11 of 21
NXP Semiconductors
NX3008CBKV
30 / 30 V, 400 / 220 mA N/P-channel Trench MOSFET
VDS > ID x RDSon
(1) Tj = 25 °C
(2) Tj = 150 °C
Fig 13. TR1: Transfer characteristics: drain current as
a function of gate-source voltage; typical
values
Fig 14. TR1: Normalized drain-source on-state
resistance as a function of junction
temperature; typical values
ID = 0.25 mA; VDS = VGS
(1) maximum values
(2) typical values
(3) minimum values
f = 1 MHz; VGS = 0 V
(1)Ciss
(2)Coss
(3)Crss
Fig 15. TR1: Gate-source threshold voltage as a
function of junction temperature
Fig 16. TR1: Input, output and reverse transfer
capacitances as a function of drain-source
voltage; typical values
001aao271
VGS (V)
03
2
1
0.2
0.1
0.3
0.4
ID
(A)
0.0
(2)
(1)
Tj (˚C)
-60
180
120
060
001aao272
1.0
0.5
1.5
2.0
a
0.0
Tj (˚C)
-60
180
120
060
001aao273
0.5
1.0
1.5
VGS(th)
(V)
0.0
(2)
(1)
(3)
001aao274
VDS (V)
10-1
102
10
1
10
102
C
(pF)
1
(1)
(2)
(3)


Similar Part No. - NX3008CBKV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX3008CBKV NEXPERIA-NX3008CBKV Datasheet
310Kb / 20P
   30 / 30 V, 400 / 220 mA N/P-channel Trench MOSFET
28 December 2022
More results

Similar Description - NX3008CBKV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX3008CBKV NEXPERIA-NX3008CBKV Datasheet
310Kb / 20P
   30 / 30 V, 400 / 220 mA N/P-channel Trench MOSFET
28 December 2022
NX3008NBK NEXPERIA-NX3008NBK Datasheet
1Mb / 16P
   30 V, 400 mA N-channel Trench MOSFET
logo
NXP Semiconductors
NX3008NBK PHILIPS-NX3008NBK_15 Datasheet
883Kb / 16P
   30 V, 400 mA N-channel Trench MOSFET
Rev. 1-2 August 2011
logo
Nexperia B.V. All right...
NX3008PBKV NEXPERIA-NX3008PBKV Datasheet
1Mb / 17P
   30 V, 220 mA dual P-channel Trench MOSFET
logo
NXP Semiconductors
NX3008PBKV PHILIPS-NX3008PBKV_15 Datasheet
877Kb / 17P
   30 V, 220 mA dual P-channel Trench MOSFET
Rev. 1-29 July 2011
logo
Nexperia B.V. All right...
NX3008NBKV NEXPERIA-NX3008NBKV Datasheet
252Kb / 14P
   30 V, 400 mA dual N-channel Trench MOSFET
28 December 2022
logo
NXP Semiconductors
NX3008NBKV PHILIPS-NX3008NBKV_15 Datasheet
874Kb / 17P
   30 V, 400 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008NBKV NXP-NX3008NBKV Datasheet
874Kb / 17P
   30 V, 400 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008CBKS PHILIPS-NX3008CBKS_15 Datasheet
1Mb / 21P
   30 / 30 V, 350 / 200 mA N/P-channel Trench MOSFET
Rev. 1-29 July 2011
logo
Nexperia B.V. All right...
NX3008CBKS NEXPERIA-NX3008CBKS Datasheet
2Mb / 21P
   30 / 30 V, 350 / 200 mA N/P-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com