Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3961EMP-2.5 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3961EMP-2.5
Description  LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3961EMP-2.5 Datasheet(HTML) 2 Page - Texas Instruments

  LP3961EMP-2.5 Datasheet HTML 1Page - Texas Instruments LP3961EMP-2.5 Datasheet HTML 2Page - Texas Instruments LP3961EMP-2.5 Datasheet HTML 3Page - Texas Instruments LP3961EMP-2.5 Datasheet HTML 4Page - Texas Instruments LP3961EMP-2.5 Datasheet HTML 5Page - Texas Instruments LP3961EMP-2.5 Datasheet HTML 6Page - Texas Instruments LP3961EMP-2.5 Datasheet HTML 7Page - Texas Instruments LP3961EMP-2.5 Datasheet HTML 8Page - Texas Instruments LP3961EMP-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
LP3961, LP3964
SNVS056J – MAY 2000 – REVISED JUNE 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 13
1
Features .................................................................. 1
8
Application and Implementation ........................ 14
2
Applications ........................................................... 1
8.1
Application Information .......................................... 14
3
Description ............................................................. 1
8.2
Typical Applications ................................................ 14
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 19
5
Pin Configurations and Functions ....................... 3
10
Layout................................................................... 19
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 19
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 19
6.2
ESD Ratings.............................................................. 4
10.3
Heatsinking TO-220 Packages ............................. 20
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 21
6.4
Thermal Information .................................................. 4
11.1
Related Links ........................................................ 21
6.5
Electrical Characteristics........................................... 5
11.2
Community Resources.......................................... 21
6.6
Typical Characteristics ............................................. 7
11.3
Trademarks ........................................................... 21
7
Detailed Description ............................................ 10
11.4
Electrostatic Discharge Caution ............................ 21
7.1
Overview ................................................................. 10
11.5
Glossary ................................................................ 21
7.2
Functional Block Diagram ....................................... 10
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 11
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (December 2014) to Revision J
Page
Changed pin names to conform to TI nomenclature (VOUT to OUT, VIN to IN)....................................................................... 1
Changed "I" to "O" to correct I/O type for ERROR flag ......................................................................................................... 3
Deleted Lead temperature row - info in POA ........................................................................................................................ 4
Deleted heatsinking sections re TO-263 and SOT-223 packages; not consistent with updated thermal metrics .............. 20
Changes from Revision H (April 2013) to Revision I
Page
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
Changes from Revision G (April 2013) to Revision H
Page
2
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP3961 LP3964


Similar Part No. - LP3961EMP-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3961EMP-2.5 NSC-LP3961EMP-2.5 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3961EMP-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com