Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3878-ADJ Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3878-ADJ
Description  Micropower 800-mA Low-Noise
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3878-ADJ Datasheet(HTML) 1 Page - Texas Instruments

  LP3878-ADJ_15 Datasheet HTML 1Page - Texas Instruments LP3878-ADJ_15 Datasheet HTML 2Page - Texas Instruments LP3878-ADJ_15 Datasheet HTML 3Page - Texas Instruments LP3878-ADJ_15 Datasheet HTML 4Page - Texas Instruments LP3878-ADJ_15 Datasheet HTML 5Page - Texas Instruments LP3878-ADJ_15 Datasheet HTML 6Page - Texas Instruments LP3878-ADJ_15 Datasheet HTML 7Page - Texas Instruments LP3878-ADJ_15 Datasheet HTML 8Page - Texas Instruments LP3878-ADJ_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
IN
OUT
S/D
ADJ
BYPASS
GND
LP3878-ADJ
VIN
**S/D
*0.01 µF
VOUT
*4.7 µF
(Ceramic or
Tantalum
recommended)
*10 µF
(Ceramic
recommended)
CFF
R1
R2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LP3878-ADJ
SNVS311D – MAY 2005 – REVISED FEBRUARY 2015
LP3878-ADJ Micropower 800-mA Low-Noise "Ceramic Stable" Adjustable Voltage
Regulator for 1-V to 5-V Applications
1 Features
3 Description
The LP3878-ADJ is an 800-mA, adjustable output,
1
Input Supply Voltage: 2.5 V to 16V
voltage
regulator
designed
to
provide
high
Output Voltage Range: 1 V to 5.5 V
performance and low noise in applications requiring
Designed for Use With Low-ESR Ceramic
output voltages as low as 1 V.
Capacitors
Using an optimized VIP (Vertically Integrated PNP)
Very Low Output Noise
process,
the
LP3878-ADJ
delivers
superior
8-Lead SO PowerPAD™ and WSON Surface-
performance:
Mount Packages
Ground Pin Current: Typically 5.5 mA at 800-mA
load, and 180 µA at 100-µA load.
< 10-
μA Quiescent Current in Shutdown
Low Power Shutdown: The LP3878-ADJ draws
Low Ground Pin Current at all Loads
less than 10-
μA quiescent current when the
Overtemperature and Overcurrent Protection
SHUTDOWN pin is pulled low.
–40°C to 125°C Operating Junction Temperature
Precision
Output:
Ensured
output
voltage
Range
accuracy is 1% at room temperature.
Low Noise: Broadband output noise is only 18
μV
2 Applications
(typical) with a 10-nF bypass capacitor.
ASIC Power Supplies In:
Device Information(1)
Desktops, Notebooks, and Graphic Cards
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Set Top Boxes, Printers, and Copiers
SO PowerPAD (8)
4.89 mm × 3.90 mm
LP3878-ADJ
DSP and FPGA Power Supplies
WSON (8)
4.00 mm × 4.00 mm
SMPS Post-Regulator
(1) For all available packages, see the orderable addendum at
Medical Instrumentation
the end of the data sheet.
Basic Application Circuit
*Capacitor values shown are minimum required to assure stability. A larger output capacitor provides improved
dynamic response. Output capacitor must meet ESR requirements (see Application Information).
**The SHUTDOWN (or S/D) pin must be actively terminated (see Device Functional Modes). Tie to IN (pin 4) if not
used.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3878-ADJ_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3878-ADJ NSC-LP3878-ADJ Datasheet
791Kb / 13P
   Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
More results

Similar Description - LP3878-ADJ_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP2989 TI1-LP2989 Datasheet
1Mb / 34P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
Texas Instruments
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com