Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3852ESX-1.8 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3852ESX-1.8
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3852ESX-1.8 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3852ESX-1.8 Datasheet HTML 4Page - Texas Instruments LP3852ESX-1.8 Datasheet HTML 5Page - Texas Instruments LP3852ESX-1.8 Datasheet HTML 6Page - Texas Instruments LP3852ESX-1.8 Datasheet HTML 7Page - Texas Instruments LP3852ESX-1.8 Datasheet HTML 8Page - Texas Instruments LP3852ESX-1.8 Datasheet HTML 9Page - Texas Instruments LP3852ESX-1.8 Datasheet HTML 10Page - Texas Instruments LP3852ESX-1.8 Datasheet HTML 11Page - Texas Instruments LP3852ESX-1.8 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
-40
-20
0
20
40
60
80
100
125
JUNCTION TEMPERATURE (
oC)
0
0.5
1
1.5
2
2.5
3
-40
-20
0
20
40
60
80
100
125
JUNCTION TEMPERATURE (
oC)
0
0.5
1
1.5
2
2.5
3
TEMPERATURE (
oC)
-40
-20
0
20
40
60
80
100 125
0.001
0.01
0.1
1
10
JUNCTION TEMPERATURE (
oC)
-40 -20
0
20
40
60
80 100 125
0
2
4
6
8
10
12
14
0
0.5
1
1.5
0
100
200
300
400
500
600
OUTPUT LOAD CURRENT (A)
25
o C
-40
o C
12
5
o
C
1.8
2.3
2.8
3.3
3.8
4.3
5.0
OUTPUT VOLTAGE (V)
0
1
2
3
4
5
6
LP3852, LP3855
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
www.ti.com
8.6 Typical Characteristics
Unless otherwise specified: TJ = 25°C, COUT = 10 µF, CIN = 10 µF, SD pin is tied to VIN, VOUT = 2.5 V, VIN = VOUT(NOM) + 1 V,
IOUT = 10 mA.
IOUT = 1.5 A
Figure 2. Ground Current vs Output Voltage
Figure 1. Dropout Voltage vs Output Load Current
Figure 4. ERROR Threshold vs Junction Temperature
Figure 3. SD IQ vs Junction Temperature
Figure 5. DC Load Reg. vs Junction Temperature
Figure 6. DC Line Regulation vs Temperature
8
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3852 LP3855


Similar Part No. - LP3852ESX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3852ESX-1.8 NSC-LP3852ESX-1.8 Datasheet
384Kb / 19P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3852ESX-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3872 TI1-LP3872_16 Datasheet
2Mb / 28P
[Old version datasheet]   1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3872 TI-LP3872_15 Datasheet
2Mb / 28P
[Old version datasheet]   LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
[Old version datasheet]   1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com