Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3855-ADJ Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3855-ADJ
Description  1.5A Fast Response Ultra Low Dropout Linear Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855-ADJ Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3855-ADJ_15 Datasheet HTML 5Page - Texas Instruments LP3855-ADJ_15 Datasheet HTML 6Page - Texas Instruments LP3855-ADJ_15 Datasheet HTML 7Page - Texas Instruments LP3855-ADJ_15 Datasheet HTML 8Page - Texas Instruments LP3855-ADJ_15 Datasheet HTML 9Page - Texas Instruments LP3855-ADJ_15 Datasheet HTML 10Page - Texas Instruments LP3855-ADJ_15 Datasheet HTML 11Page - Texas Instruments LP3855-ADJ_15 Datasheet HTML 12Page - Texas Instruments LP3855-ADJ_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
MAX. ALLOWABLE CERAMIC
OUTPUT CAPACITANCE (PF)
100
1000
10
100
IL = 1.5A
LP3855-ADJ
www.ti.com
SNVS244F – SEPTEMBER 2003 – REVISED APRIL 2013
OPERATION WITH CERAMIC OUTPUT CAPACITORS
LP385X voltage regulators can operate with ceramic output capacitors if the values of the input and output
capacitors are selected appropriately. The total ceramic output capacitance must be equal to or less than a
specified maximum value in order for the regulator to remain stable over all operating conditions. This maximum
amount of ceramic output capacitance is dependent upon the amount of ceramic input capacitance used as well
as the load current of the application. This relationship is shown in Figure 19, which graphs the maximum stable
value of ceramic output capacitance as a function of ceramic input capacitance for load currents of 1.5A.
Figure 19. Maximum Ceramic Output Capacitance vs Ceramic Input Capacitance
If the maximum load current is 1.5A and a 10µF ceramic input capacitor is used, the regulator will be stable with
ceramic output capacitor values from 10µF up to about 150µF. When calculating the total ceramic output
capacitance present in an application, it is necessary to include any ceramic bypass capacitors connected to the
regulator output.
CFF (Feed Forward Capacitor)
The capacitor CFF is required to add phase lead and help improve loop compensation. The correct amount of
capacitance depends on the value selected for R1 (see Typical Application Circuit). The capacitor should be
selected such that the zero frequency as given by the equation shown below is approximately 45 kHz:
Fz = 45,000 = 1 / ( 2 x
π x R1 x CFF )
(2)
A good quality ceramic with X5R or X7R dielectric should be used for this capacitor.
SELECTING A CAPACITOR
It is important to note that capacitance tolerance and variation with temperature must be taken into consideration
when selecting a capacitor so that the minimum required amount of capacitance is provided over the full
operating temperature range. In general, a good Tantalum capacitor will show very little capacitance variation
with temperature, but a ceramic may not be as good (depending on dielectric type). Aluminum electrolytics also
typically have large temperature variation of capacitance value.
Equally important to consider is a capacitor's ESR change with temperature: this is not an issue with ceramics,
as their ESR is extremely low. However, it is very important in Tantalum and aluminum electrolytic capacitors.
Both show increasing ESR at colder temperatures, but the increase in aluminum electrolytic capacitors is so
severe they may not be feasible for some applications (see Capacitor Characteristics Section).
CAPACITOR CHARACTERISTICS
CERAMIC: For values of capacitance in the 10 to 100 µF range, ceramics are usually larger and more costly
than tantalums but give superior AC performance for bypassing high frequency noise because of very low ESR
(typically less than 10 m
Ω). However, some dielectric types do not have good capacitance characteristics as a
function of voltage and temperature.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3855-ADJ


Similar Part No. - LP3855-ADJ_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3855-ADJ NSC-LP3855-ADJ Datasheet
712Kb / 16P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3855-ADJ_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3855-ADJ NSC-LP3855-ADJ Datasheet
712Kb / 16P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3892EMRX-12 TI1-LP3892EMRX-12 Datasheet
1Mb / 18P
[Old version datasheet]   LP3892 1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882EMR-12 TI1-LP3882EMR-12 Datasheet
1Mb / 19P
[Old version datasheet]   LP3882 1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3882 NSC-LP3882 Datasheet
326Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com