Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2989AIM-1.8 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2989AIM-1.8
Description  Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2989AIM-1.8 Datasheet(HTML) 4 Page - Texas Instruments

  LP2989AIM-1.8 Datasheet HTML 1Page - Texas Instruments LP2989AIM-1.8 Datasheet HTML 2Page - Texas Instruments LP2989AIM-1.8 Datasheet HTML 3Page - Texas Instruments LP2989AIM-1.8 Datasheet HTML 4Page - Texas Instruments LP2989AIM-1.8 Datasheet HTML 5Page - Texas Instruments LP2989AIM-1.8 Datasheet HTML 6Page - Texas Instruments LP2989AIM-1.8 Datasheet HTML 7Page - Texas Instruments LP2989AIM-1.8 Datasheet HTML 8Page - Texas Instruments LP2989AIM-1.8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LP2989LV
SNVS086K – MAY 2000 – REVISED JULY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
If Military/Aerospace specified devices are required contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(1)
MIN
MAX
UNIT
Operating junction temperature
–40
125
°C
Power dissipation(2)
Internally limited
Input supply voltage, survival
–0.3
16
V
SENSE pin
–0.3
6
V
Output voltage, survival(3)
–0.3
16
V
IOUT, Survival
Short-circuit protected
Input-output voltage, survival(4)
–0.3
16
V
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance, RθJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: P(MAX) = (TJ(MAX) – TA) / RθJA. The value RθJA for the WSON (NGN) package is specifically dependent on PCB trace area, trace
material, and the number of layers and thermal vias. For improved thermal resistance and power dissipation for the WSON package,
refer to Application Note AN-1187 Leadless Leadframe Package (LLP) (SNOA401). Exceeding the maximum allowable power
dissipation causes excessive die temperature, and the regulator goes into thermal shutdown.
(3)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2989LV output must be diode-clamped
to ground.
(4)
The output PNP structure contains a diode between the IN and OUT pins that is normally reverse-biased. Forcing the output above the
input turns on this diode and may induce a latch-up mode which can damage the part.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating junction temperature
–40
125
°C
Operating input supply voltage
2.1
16
V
6.4 Thermal Information
LP2989LV
THERMAL METRIC(1)
NGN (WSON)
D (SOIC)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance, High-K
34.8
114.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
28.4
61.1
°C/W
RθJB
Junction-to-board thermal resistance
12.0
55.6
°C/W
ψJT
Junction-to-top characterization parameter
0.2
9.7
°C/W
ψJB
Junction-to-board characterization parameter
12.2
54.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.3
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP2989LV


Similar Part No. - LP2989AIM-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2989AIM-1.8 NSC-LP2989AIM-1.8 Datasheet
685Kb / 11P
   Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
More results

Similar Description - LP2989AIM-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2989 NSC-LP2989 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
logo
Texas Instruments
LP2989 TI-LP2989_15 Datasheet
1Mb / 34P
[Old version datasheet]   LP2989 Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
LP2989AIM-5.0 TI-LP2989AIM-5.0 Datasheet
997Kb / 19P
[Old version datasheet]   LP2989 Micropower/Low Noise, 500 mA Ultra Low-Dropout RegulatorFor Use with Ceramic Output Capacitors
LP2989AILD-5.0 TI-LP2989AILD-5.0 Datasheet
997Kb / 19P
[Old version datasheet]   LP2989 Micropower/Low Noise, 500 mA Ultra Low-Dropout RegulatorFor Use with Ceramic Output Capacitors
LP2989 TI1-LP2989 Datasheet
1Mb / 34P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2989LV NSC-LP2989LV Datasheet
685Kb / 11P
   Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
LP2992 NSC-LP2992 Datasheet
598Kb / 15P
   Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com