Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY78022 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY78022
Description  Multimode Multiband Tx Front-End Module for Quad-Band GSM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY78022 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY78022 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY78022 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203064A • Skyworks Proprietary information • Products and Product Information are Subject to Change Without Notice • December 10, 2013
1
PRODUCT SUMMARY
SKY78022 SkyOne™ Multimode Multiband Tx Front-End
Module for Quad-Band GSM / GPRS / EDGE
WCDMA / HSPA / HSPA+ / LTE / CDMA
Applications
• Quad-band cellular handsets:
- Class 4 GSM850 / EGSM900
- Class 1 DCS1800 / PCS1900
- Class E2 GSM850 / EGSM900 / DCS1800 / PCS1900
- Class 12 multi-slot EGPRS
• Multiband 3G handsets
• WCDMA / HSPA / HSPA+ / LTE-modulated handsets for bands I, II, III, V, VIII
• CDMA modulated handsets for bands BC0, BC1, BC6
• TDD handsets for bands 34 and 39
Features
• PA core optimized to meet or exceed best-in-class APT performance
• Hybrid architecture: separate GSM, CDMA, WCDMA Tx paths
• 50 Ω I/O impedances, integrated DC blocking on all ports
• MiPi RFFE Control Interface w/1.8 V nominal supply, separate VCC1/VCC2,
completely operable for VIO high/VBATT low, continuous bias adjustment vs. power
• Downlink Carrier Aggregation for LTE w/state-of-the-art de-sense performance
• Small, low profile package:
- 8 mm x 9 mm x 0.9 mm
- 60-pad configuration
• 2.5G Features:
- EGPRS Class 12 multi-slot operation
- Two RF POUT control levels using digital logic interface
- Linear PA with bias optimization for efficiency/linearity trade-off in 8PSK mode
• 3G Features:
- WCDMA mode supports output power, bandwidth for bands I, II, III, V, VIII via integrated select switch
- CDMA mode supports output power, bandwidth for BCO, BC1, BC6 via integrated select switch
- Linear amplifiers with bias optimization and low/high mode gain switch for best efficiency/linearity tradeoff
• 4G Features:
- LTE supports output power, bandwidth bands I, II, III, V, VIII, XIX
- Bands I, II, III up to 20 MHz bandwidth
- Band XIX up to 15 MHz bandwidth
- Bands V, VIII up to 10 MHz bandwidth
• TDD Features
- TD-SCDMA mode supports output power and bandwidth for bands 34 and 39 via an integrated select switch
- TD-LTE mode supports output power and bandwidth for band 39 via an integrated select switch


Similar Part No. - SKY78022

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY78021 SKYWORKS-SKY78021 Datasheet
86Kb / 2P
   Multimode Multiband FEM for Quad- Band GSM
SKY78025 SKYWORKS-SKY78025 Datasheet
85Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
SKY78026 SKYWORKS-SKY78026 Datasheet
85Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
SKY78027-12 SKYWORKS-SKY78027-12 Datasheet
105Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM/GPRS/EDGE - WCDMA/HSPA/HSPA /LTE/CDMA
SKY78027 SKYWORKS-SKY78027_12 Datasheet
105Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
More results

Similar Description - SKY78022

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY78027 SKYWORKS-SKY78027_12 Datasheet
105Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
SKY78026 SKYWORKS-SKY78026 Datasheet
85Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
SKY78025 SKYWORKS-SKY78025 Datasheet
85Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
SKY78072 SKYWORKS-SKY78072 Datasheet
518Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
SKY78070 SKYWORKS-SKY78070 Datasheet
517Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
SKY78015 SKYWORKS-SKY78015 Datasheet
93Kb / 2P
   Multimode Multiband Front-End Module for Quad-Band GSM
SKY78071 SKYWORKS-SKY78071 Datasheet
96Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
SKY77528 SKYWORKS-SKY77528 Datasheet
79Kb / 2P
   Tx Front-End Module for Quad-Band GSM / EDGE
SKY77529 SKYWORKS-SKY77529 Datasheet
81Kb / 2P
   Tx Front-End Module for Quad-Band GSM / EDGE
SKY77529 SKYWORKS-SKY77529_10 Datasheet
83Kb / 2P
   Tx Front-End Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com