Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY78072 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY78072
Description  Multimode Multiband Front-End Module for Quad-Band GSM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY78072 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY78072 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY78072 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY78072 Datasheet HTML 3Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203431C • Skyworks Proprietary information • Products and Product Information are Subject to Change Without Notice • February 9, 2015
1
PRODUCT SUMMARY
SKY78072 SkyOne® Multimode Multiband Front-End Module
for Quad-Band GSM / GPRS / EDGE / WCDMA / HSPA / HSPA+ /
FDD LTE (Bands 1, 2, 3, 4, 5, 8, 12/17, 13, 20, 27, 28) / TD-
SCDMA / TDD LTE (Bands 34, 39)
Applications
• Quad-band cellular handsets:
- Class 4 GSM850 / EGSM900
- Class 1 DCS1800 / PCS1900
- Class E2 GSM850 / EGSM900 / DCS1800 / PCS1900
- Class 12 multi-slot EGPRS
• Multiband 3G handsets
• WCDMA / HSPA / HSPA+ / FDD LTE-modulated handsets for
bands 1, 2, 3, 4, 5, 8, 13, 12/17, 20, 27 28
• TD-SCDMA / TDD LTE-modulated handsets for bands 34, 39
Features
• PA core optimized to meet or exceed best-in-class performance
• Optimized for envelope tracking system
• Full power supported for average power tracking system
• Hybrid architecture: separate GSM, TDSCDMA, WCDMA Tx
paths
• 50 ohms I/O impedances, integrated DC blocking on all ports
• Integrated duplexers for bands 1, 2, 5, 8
• Seven Tx post-PA outputs (3MB, 1LB, 3VLB) to support external
duplexers from internal PA engine
• Ten TRx Aux ports (5HB/MB, 5LB/VLB) to support external RF
paths and satellite PAs / duplexers / coexistence filters
• A 1P9T/1P9T HB-MB/LB ASM possessing optimal Carrier
Aggregation (CA) isolation/linearity requirements
• MIPI® RFFE Control Interface w/1.8 V nominal supply, fully
operable for VIO high / VBATT low
• Downlink Carrier Aggregation (CA) for LTE w/ state-of-the-art
de-sense performance
• Small, low profile package
- 7 mm x 7.8 mm x 0.8 mm
- 56-pad configuration
• 2.5G Features:
- EGPRS Class 12 multi-slot operation
- Two RF POUT control levels using digital logic interface
- Linear PA with bias optimization for efficiency/linearity trade-
off in 8PSK mode
• 3G Features:
- WCDMA mode supports output power, bandwidth for bands
1, 2, 4, 5, 8 through an integrated select switch
- TD-SCDMA mode supports output power, bandwidth for B34,
39 via integrated select switch
- Linear amplifiers with bias optimization and low/high mode
gain switch for best efficiency/linearity tradeoff
• 4G Features:
- LTE supports output power, bandwidth bands 1, 2, 3, 4, 5, 8,
12/17, 13, 20, 27, 28, 39
- Bands 1, 2, 3, 4, 20, 28, 39 up to 20 MHz bandwidth
- Band 27 up to 15 MHz bandwidth
- Bands 5, 8, 12/17, 13 up to 10 MHz bandwidth


Similar Part No. - SKY78072

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY78070 SKYWORKS-SKY78070 Datasheet
517Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
SKY78071 SKYWORKS-SKY78071 Datasheet
96Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
More results

Similar Description - SKY78072

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY78070 SKYWORKS-SKY78070 Datasheet
517Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
SKY78015 SKYWORKS-SKY78015 Datasheet
93Kb / 2P
   Multimode Multiband Front-End Module for Quad-Band GSM
SKY78071 SKYWORKS-SKY78071 Datasheet
96Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
SKY78026 SKYWORKS-SKY78026 Datasheet
85Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
SKY78027 SKYWORKS-SKY78027_12 Datasheet
105Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
SKY78025 SKYWORKS-SKY78025 Datasheet
85Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
SKY78022 SKYWORKS-SKY78022 Datasheet
85Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM
SKY78021 SKYWORKS-SKY78021 Datasheet
86Kb / 2P
   Multimode Multiband FEM for Quad- Band GSM
SKY78027-12 SKYWORKS-SKY78027-12 Datasheet
105Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM/GPRS/EDGE - WCDMA/HSPA/HSPA /LTE/CDMA
logo
Broadcom Corporation.
ACPM-7788 BOARDCOM-ACPM-7788 Datasheet
282Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and MultiMode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com