Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16HV540 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16HV540
Description  Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16HV540 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16HV540 Datasheet HTML 2Page - Microchip Technology PIC16HV540 Datasheet HTML 3Page - Microchip Technology PIC16HV540 Datasheet HTML 4Page - Microchip Technology PIC16HV540 Datasheet HTML 5Page - Microchip Technology PIC16HV540 Datasheet HTML 6Page - Microchip Technology PIC16HV540 Datasheet HTML 7Page - Microchip Technology PIC16HV540 Datasheet HTML 8Page - Microchip Technology PIC16HV540 Datasheet HTML 9Page - Microchip Technology PIC16HV540 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
PIC16HV540
DS40197A-page 6
Preliminary
© 1998 Microchip Technology Inc.
4.0
MEMORY ORGANIZATION
FIGURE 4-1:
PIC16HV540 PROGRAM
MEMORY MAP AND STACK
PC<8:0>
Stack Level 1
Stack Level 2
CALL, RETLW
9
000h
1FFh
Reset Vector
0FFh
100h
On-chip
Program
Memory
Stack Level 3
Stack Level 4
FIGURE 4-2:
PIC16HV540 REGISTER FILE
MAP
File Address
00h
01h
02h
03h
04h
05h
06h
07h
1Fh
INDF(1)
TMR0
PCL
STATUS
FSR
PORTA
PORTB
General
Purpose
Registers
Note
1:
Not a physical register.
0Fh
10h
08h
TRISA
TRISB
OPTION2
TABLE 4-1:
SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset
Value on
MCLR and
WDT Reset
N/A
TRIS
I/O control registers (TRISA, TRISB)
1111 1111
1111 1111
N/A
OPTION
Contains control bits to configure Timer0 and Timer0/WDT prescaler
--11 1111
--11 1111
N/A
OPTION2
Contains control bits to configure pin changes, software enabled WDT,
xx11
1111
xx11 1111
regulation and brown-out
00h
INDF
Uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
01h
TMR0
8-bit real-time clock/counter
xxxx xxxx
uuuu uuuu
02h(1)
PCL
Low order 8 bits of PC
1111 1111
1111 1111
03h
STATUS
PCF
PA1
PA0
TO
PD
ZDC
C
1001 1xxx
100q quuu
04h
FSR
Indirect data memory address pointer
1xxx xxxx
1uuu uuuu
05h
PORTA
————
RA3
RA2
RA1
RA0
---- xxxx
---- uuuu
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
Legend: Shaded boxes = unimplemented or unused, – = unimplemented, read as '0' (if applicable)
x
= unknown, u = unchanged, q = value depends on condition.
Note 1:
The upper byte of the Program Counter is not directly accessible. See Section 4.5 of the PIC16C5X data sheet (DS30453)
for an explanation of how to access these bits.
2:
File address 07h is a general purpose register on the PIC16HV540.
3: PCF This bit is set to 1 after power up-reset (POR) or sleep command.
4: PCF This bit is set to 0 after a wake up on pin change event.


Similar Part No. - PIC16HV540

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16HV540 MICROCHIP-PIC16HV540 Datasheet
1Mb / 85P
   Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
2000 - 2002
PIC16HV540-04-/JW MICROCHIP-PIC16HV540-04-/JW Datasheet
1Mb / 85P
   Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
2000 - 2002
PIC16HV540-04-/P MICROCHIP-PIC16HV540-04-/P Datasheet
1Mb / 85P
   Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
2000 - 2002
PIC16HV540-04-/SO MICROCHIP-PIC16HV540-04-/SO Datasheet
1Mb / 85P
   Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
2000 - 2002
PIC16HV540-04-/SS MICROCHIP-PIC16HV540-04-/SS Datasheet
1Mb / 85P
   Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
2000 - 2002
More results

Similar Description - PIC16HV540

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16HV540 MICROCHIP-PIC16HV540_00 Datasheet
1Mb / 85P
   Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
2000 - 2002
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
   EPROM-Based 8-Bit CMOS Microcontroller
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com