Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F870 Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16F870
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F870 Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16F870 Datasheet HTML 83Page - Microchip Technology PIC16F870 Datasheet HTML 84Page - Microchip Technology PIC16F870 Datasheet HTML 85Page - Microchip Technology PIC16F870 Datasheet HTML 86Page - Microchip Technology PIC16F870 Datasheet HTML 87Page - Microchip Technology PIC16F870 Datasheet HTML 88Page - Microchip Technology PIC16F870 Datasheet HTML 89Page - Microchip Technology PIC16F870 Datasheet HTML 90Page - Microchip Technology PIC16F870 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 156 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30569A-page 87
PIC16F870/871
TABLE 10-2:
REGISTERS/BITS ASSOCIATED WITH A/D
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
POR,
BOR
MCLR,
WDT
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
CCP1IF
TMR2IF
TMR1IF
0000 -000
0000 -000
8Ch
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
CCP1IE
TMR2IE
TMR1IE
0000 -000
0000 -000
1Eh
ADRESH
A/D Result Register High Byte
xxxx xxxx
uuuu uuuu
9Eh
ADRESL
A/D Result Register Low Byte
xxxx xxxx
uuuu uuuu
1Fh
ADCON0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—ADON
0000 00-0
0000 00-0
9Fh
ADCON1
ADFM
PCFG3
PCFG2
PCFG1
PCFG0
--0- 0000
--0- 0000
85h
TRISA
PORTA Data Direction Register
--11 1111
--11 1111
05h
PORTA
PORTA Data Latch when written: PORTA pins when read
--0x 0000
--0u 0000
89h(1)
TRISE
IBF
OBF
IBOV
PSPMODE
PORTE Data Direction Bits
0000 -111
0000 -111
09h(1)
PORTE
RE2
RE1
RE0
---- -xxx
---- -uuu
Legend:
x
= unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used for A/D conversion.
Note
1:
These registers/bits are not available on the PIC16F870.


Similar Part No. - PIC16F870

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F870 MICROCHIP-PIC16F870 Datasheet
199Kb / 22P
   EEPROM Memory Programming Specification
2002
PIC16F870 MICROCHIP-PIC16F870 Datasheet
2Mb / 172P
   28/40-Pin, 8-Bit CMOS FLASH Microcontrollers
11/29/12 2000-2013
PIC16F870T MICROCHIP-PIC16F870T Datasheet
2Mb / 172P
   28/40-Pin, 8-Bit CMOS FLASH Microcontrollers
11/29/12 2000-2013
PIC16F870 MICROCHIP-PIC16F870_13 Datasheet
2Mb / 172P
   28/40-Pin, 8-Bit CMOS FLASH Microcontrollers
11/29/12 2000-2013
More results

Similar Description - PIC16F870

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
P16F877 MICROCHIP-P16F877 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 170P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2002
PIC16F87X MICROCHIP-PIC16F87X_01 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X_98 Datasheet
1Mb / 200P
   28/40-pin 8-Bit CMOS FLASH Microcontrollers
1998
PIC16LF73-I MICROCHIP-PIC16LF73-I Datasheet
4Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
01/18/02
PIC16F877-20IPT MICROCHIP-PIC16F877-20IPT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F876-04I MICROCHIP-PIC16F876-04I Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
01/30/01
PIC16F870 MICROCHIP-PIC16F870_13 Datasheet
2Mb / 172P
   28/40-Pin, 8-Bit CMOS FLASH Microcontrollers
11/29/12 2000-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com