Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP2003 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UP2003
Description  P-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP2003 Datasheet(HTML) 4 Page - Unisonic Technologies

  UP2003_15 Datasheet HTML 1Page - Unisonic Technologies UP2003_15 Datasheet HTML 2Page - Unisonic Technologies UP2003_15 Datasheet HTML 3Page - Unisonic Technologies UP2003_15 Datasheet HTML 4Page - Unisonic Technologies UP2003_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UP2003
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-202.C
TYPICAL CHARACTERISTICS(Cont.)
12
6
0
0
2
4
6
8
2500
500
0
0
5
10
15
20
Gate Charge,-QG (nC)
Gate-Charge Characteristics
Capacitance Characteristics
Drain to Source Voltage,-VDS (V)
ID=-9A
VDS=-5V
-10V
-15V
10
18
24
30
CISS
COSS
CRSS
f=1MHZ
VGS=0V
25
30
2000
1500
1000
50
30
20
0
0.001 0.01
0.1
1
10
100
1000
100
10
1
0.1
0.1
1
10
100
Pulse Width (s)
Single Pulse Maximum Power Dissipationg
Drain to Source Voltage,-VDS (V)
Maximum Safe Operating Area
100μs
1ms
10ms
100ms
1s
10s
DC
RDS(ON)
Limited
VGS=-10V
Single Pulse
θJA=125°С/W
TA=25°С
0.01
Single Pulse
θJA=125°С/W
TA=25°С
10
40


Similar Part No. - UP2003_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP2003-TN3-R UTC-UP2003-TN3-R Datasheet
225Kb / 5P
   P-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UP2003-TN3-T UTC-UP2003-TN3-T Datasheet
225Kb / 5P
   P-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UP2003L-TN3-R UTC-UP2003L-TN3-R Datasheet
225Kb / 5P
   P-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UP2003L-TN3-T UTC-UP2003L-TN3-T Datasheet
225Kb / 5P
   P-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - UP2003_15

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
logo
Fairchild Semiconductor
NDS332P FAIRCHILD-NDS332P Datasheet
78Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com