Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC256SIZ-12 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X28HC256SIZ-12
Description  256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256SIZ-12 Datasheet(HTML) 1 Page - Intersil Corporation

  X28HC256SIZ-12 Datasheet HTML 1Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 2Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 3Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 4Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 5Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 6Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 7Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 8Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
DATASHEET
256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
X28HC256
The X28HC256 is a second generation high performance
CMOS 32k x 8 EEPROM. It is fabricated with Intersil’s
proprietary, textured poly floating gate technology, providing a
highly reliable 5V only nonvolatile memory.
The X28HC256 supports a 128-byte page write operation,
effectively providing a 24µs/byte write cycle, and enabling the
entire memory to be typically rewritten in less than 0.8s. The
X28HC256 also features DATA polling and Toggle bit polling,
two methods of providing early end of write detection. The
X28HC256 also supports the JEDEC standard software data
protection feature for protecting against inadvertent writes
during power-up and power-down.
Endurance for the X28HC256 is specified as a minimum
100,000 write cycles per byte and an inherent data retention
of 100 years.
Features
• Access time: 90ns
• Simple byte and page write
-Single 5V supply
-No external high voltages or VP-P control circuits
-Self timed
- No erase before write
- No complex programming algorithms
- No overerase problem
•Low power CMOS
- Active: 60mA
- Standby: 500µA
• Software data protection
- Protects data against system level inadvertent writes
• High speed page write capability
• Highly reliable Direct Writecell
- Endurance: 100,000 cycles
- Data retention: 100 years
• Early end of write detection
-DATA polling
- Toggle bit polling
• RoHS compliant
X BUFFERS
LATCHES AND
DECODER
I/O BUFFERS
AND LATCHES
Y BUFFERS
LATCHES AND
DECODER
CONTROL
LOGIC AND
TIMING
256k BIT
EEPROM
ARRAY
I/O0 TO I/O7
DATA INPUTS/OUTPUTS
CE
OE
VCC
VSS
A0 TO A14
WE
ADDRESS
INPUTS
FIGURE 1. BLOCK DIAGRAM
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2005-2007, 2010, 2011, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
August 27, 2015
FN8108.5


Similar Part No. - X28HC256SIZ-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256SIZ-12 INTERSIL-X28HC256SIZ-12 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Rochester Electronics
X28HC256SIZ-12 ROCHESTER-X28HC256SIZ-12 Datasheet
977Kb / 21P
   LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
logo
Renesas Technology Corp
X28HC256SIZ-12 RENESAS-X28HC256SIZ-12 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256SIZ-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
   256K EEPROM (32K x 8-Bit) EEPROM
logo
Renesas Technology Corp
X28HC64 RENESAS-X28HC64 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com