Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC256JIZ-12 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X28HC256JIZ-12
Description  256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256JIZ-12 Datasheet(HTML) 3 Page - Intersil Corporation

  X28HC256JIZ-12 Datasheet HTML 1Page - Intersil Corporation X28HC256JIZ-12 Datasheet HTML 2Page - Intersil Corporation X28HC256JIZ-12 Datasheet HTML 3Page - Intersil Corporation X28HC256JIZ-12 Datasheet HTML 4Page - Intersil Corporation X28HC256JIZ-12 Datasheet HTML 5Page - Intersil Corporation X28HC256JIZ-12 Datasheet HTML 6Page - Intersil Corporation X28HC256JIZ-12 Datasheet HTML 7Page - Intersil Corporation X28HC256JIZ-12 Datasheet HTML 8Page - Intersil Corporation X28HC256JIZ-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
X28HC256
3
FN8108.5
August 27, 2015
Submit Document Feedback
Pin Configurations
X28HC256
(28 LD FLATPACK, PDIP, SOIC)
TOP VIEW
X28HC256
(32 LD PLCC, LCC)
TOP VIEW
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
A1
NC
4 3 2 1 32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A8
A9
A11
OE
A10
OE
CE
I/O7
I/O6
NC
I/O0
A0
A2
A3
A4
A5
A6
Pin Descriptions
PIN NAME
PIN #
PDIP, SOIC
PIN #
PLCC, LCC
DESCRIPTION
A0, A1, A2, A3, A4, A5,
A6, A7, A8, A9, A10, A11,
A12, A13, A14
10, 9, 8, 7, 6, 5,
4, 3, 25, 24, 21, 23,
2, 26, 1
11, 10, 9, 8, 7, 6,
5, 4, 29, 28, 24, 27,
3, 30, 2
Addresses (A0 to A14) - Address inputs. The address inputs select
an 8-bit memory location during a read or write operation.
I/O0, I/O1, I/O2, I/O3,
I/O4, I/O5, I/O6, I/O7
11, 12, 13, 15
16, 17, 18, 19
13, 14, 15, 18
19, 20, 21, 22
Data In/Data Out (I/O0 to I/O7) - Data input/output- Data is
written to or read from the X28HC256 through the I/O pins.
WE
27
31
Write Enable (WE) - The Write enable input controls the writing of
data to the X28HC256.
CE
20
23
Chip Enable (CE) - The Chip enable input must be LOW to enable
all read/write operations. When CE is HIGH, power consumption is
reduced.
OE
22
25
Output Enable (OE) - The output enable input controls the data
output buffers, and is used to initiate read operations.
VCC
28
32
+5V
VSS
14
16
Ground
NC
-
1, 12, 17, 26
No Connect


Similar Part No. - X28HC256JIZ-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256JIZ-12 INTERSIL-X28HC256JIZ-12 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
X28HC256JIZ-12 INTERSIL-X28HC256JIZ-12 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28HC256JIZ-12 RENESAS-X28HC256JIZ-12 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256JIZ-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
   256K EEPROM (32K x 8-Bit) EEPROM
logo
Renesas Technology Corp
X28HC64 RENESAS-X28HC64 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com