Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC64J-70 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X28HC64J-70
Description  5 Volt, Byte Alterable EEPR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64J-70 Datasheet(HTML) 5 Page - Intersil Corporation

  X28HC64J-70 Datasheet HTML 1Page - Intersil Corporation X28HC64J-70 Datasheet HTML 2Page - Intersil Corporation X28HC64J-70 Datasheet HTML 3Page - Intersil Corporation X28HC64J-70 Datasheet HTML 4Page - Intersil Corporation X28HC64J-70 Datasheet HTML 5Page - Intersil Corporation X28HC64J-70 Datasheet HTML 6Page - Intersil Corporation X28HC64J-70 Datasheet HTML 7Page - Intersil Corporation X28HC64J-70 Datasheet HTML 8Page - Intersil Corporation X28HC64J-70 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN8109.3
August 18, 2015
The Toggle Bit I/O6
The Toggle Bit can eliminate the chore of saving and
fetching the last address and data in order to implement
DATA Polling. This can be especially helpful in an array
comprised of multiple X28HC64 memories that is frequently
updated. Toggle Bit Polling can also provide a method for
status checking in multiprocessor applications. The timing
diagram in Figure 4 illustrates the sequence of events on the
bus. The software flow diagram in Figure 5 illustrates a
method for polling the Toggle Bit.
Hardware Data Protection
The X28HC64 provides two hardware features that protect
nonvolatile data from inadvertent writes.
• Default VCC Sense—All write functions are inhibited when
VCC is 3V typically.
• Write Inhibit—Holding either OE LOW, WE HIGH, or CE
HIGH will prevent an inadvertent write cycle during power-
up and power-down, maintaining data integrity.
Software Data Protection
The X28HC64 offers a software controlled data protection
feature. The X28HC64 is shipped from Intersil with the software
data protection NOT ENABLED; that is, the device will be in the
standard operating mode. In this mode data should be
protected during power-up/-down operations through the use of
external circuits. The host would then have open read and write
access of the device once VCC was stable.
The X28HC64 can be automatically protected during power-
up and power-down without the need for external circuits by
employing the software data protection feature. The internal
software data protection circuit is enabled after the first write
operation utilizing the software algorithm. This circuit is
nonvolatile and will remain set for the life of the device,
unless the reset command is issued.
Once the software protection is enabled, the X28HC64 is
also protected from inadvertent and accidental writes in the
powered-up state. That is, the software algorithm must be
issued prior to writing additional data to the device.
Software Algorithm
Selecting the software data protection mode requires the
host system to precede data write operations by a series of
three write operations to three specific addresses. Refer to
Figure 6 and 7 for the sequence. The three-byte sequence
opens the page write window, enabling the host to write from
one to sixty-four bytes of data. Once the page load cycle has
been completed, the device will automatically be returned to
the data protected state.
CE
OE
WE
X28HC64
LAST
WRITE
I/O6
HIGH Z
*
*
VOH
VOL
READY
* BEGINNING AND ENDING STATE OF I/O6 WILL VARY.
FIGURE 4. TOGGLE BIT BUS SEQUENCE
COMPARE
NO
YES
OK?
COMPARE
ACCUM WITH
ADDR N
LOAD ACCUM
FROM ADDR N
LAST WRITE
READY
YES
FIGURE 5. TOGGLE BIT SOFTWARE FLOW
X28HC64


Similar Part No. - X28HC64J-70

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64J-70 XICOR-X28HC64J-70 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC64J-70 INTERSIL-X28HC64J-70 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64J-70 INTERSIL-X28HC64J-70 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28HC64J-70 RENESAS-X28HC64J-70 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28HC64J-70

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com