Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84684IU Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL84684IU
Description  Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84684IU Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL84684IU Datasheet HTML 5Page - Intersil Corporation ISL84684IU Datasheet HTML 6Page - Intersil Corporation ISL84684IU Datasheet HTML 7Page - Intersil Corporation ISL84684IU Datasheet HTML 8Page - Intersil Corporation ISL84684IU Datasheet HTML 9Page - Intersil Corporation ISL84684IU Datasheet HTML 10Page - Intersil Corporation ISL84684IU Datasheet HTML 11Page - Intersil Corporation ISL84684IU Datasheet HTML 12Page - Intersil Corporation ISL84684IU Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6088.5
July 31, 2007
FIGURE 16. TURN-OFF TIME vs SUPPLY VOLTAGE
FIGURE 17. TURN-ON TIME vs SUPPLY VOLTAGE
FIGURE 18. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 19. FREQUENCY RESPONSE
FIGURE 20. CROSSTALK AND OFF ISOLATION
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND (QFN Paddle Connection: Tie to GND or Float)
TRANSISTOR COUNT:
114
PROCESS:
Submicron CMOS
Typical Performance Curves TA = +25°C, Unless Otherwise Specified (Continued)
V+ (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
50
100
150
200
+85°C
-40°C
+25°C
V+ (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
25
100
150
200
250
+85°C
-40°C
+25°C
V+ (V)
1.52.0
2.53.0
3.54.0
4.5
VINH
VINL
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
FREQUENCY (Hz)
0
-20
GAIN
PHASE
V+ = 3V
0
20
40
60
80
100
1M
10M
100M
600M
VIN = 0.2VP-P to 2VP-P
RL = 50Ω
FREQUENCY (Hz)
1k
100k
1M
100M
500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
V+ = 3.0V
ISL84684


Similar Part No. - ISL84684IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84684IU INTERSIL-ISL84684IU Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684IU INTERSIL-ISL84684IU Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL84684IU RENESAS-ISL84684IU Datasheet
663Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL84684IU-T INTERSIL-ISL84684IU-T Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684IU-T INTERSIL-ISL84684IU-T Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
More results

Similar Description - ISL84684IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684_07 Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L220 RENESAS-ISL43L220 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684 RENESAS-ISL84684 Datasheet
663Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL84762 INTERSIL-ISL84762 Datasheet
276Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684 Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL84762 RENESAS-ISL84762 Datasheet
611Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com