Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83699IRZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL83699IRZ-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83699IRZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL83699IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6094.3
November 5, 2004
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and GND. One of
these diodes conducts if any analog signal exceeds V+ or
GND.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or GND. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or GND and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and GND pins constitutes the analog-
signal-path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog signal
paths and V+ or GND.
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 9. ON RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
VCOM (V)
01
23
4
ICOM = 100mA
0.2
0.25
0.3
0.35
0.4
0.45
V+ = 3V
V+ = 2.7V
V+ = 1.8V
V+ = 3.6V
VCOM (V)
00.511.522.5
3
V+ = 2.7V
ICOM = 100mA
0.15
0.2
0.25
0.3
0.35
25°C
85°C
-40°C
00.5
1
1.5
2
VCOM (V)
0.2
0.25
0.3
0.35
0.4
0.45
0.5
85°C
-40°C
V+ = 1.8V
ICOM = 100mA
25°C
00.511.522.5
3
VCOM (V)
-150
-100
-50
0
50
V+ = 1.8V
V+ = 3V
ISL83699


Similar Part No. - ISL83699IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83699IRZ-T INTERSIL-ISL83699IRZ-T Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL83699IRZ-T RENESAS-ISL83699IRZ-T Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Similar Description - ISL83699IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Vishay Siliconix
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. D, 26-Feb-07
DG2788 VISHAY-DG2788_11 Datasheet
142Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. E, 28-Feb-11
logo
Intersil Corporation
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com