Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84581IVZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL84581IVZ
Description  Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84581IVZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL84581IVZ Datasheet HTML 4Page - Intersil Corporation ISL84581IVZ Datasheet HTML 5Page - Intersil Corporation ISL84581IVZ Datasheet HTML 6Page - Intersil Corporation ISL84581IVZ Datasheet HTML 7Page - Intersil Corporation ISL84581IVZ Datasheet HTML 8Page - Intersil Corporation ISL84581IVZ Datasheet HTML 9Page - Intersil Corporation ISL84581IVZ Datasheet HTML 10Page - Intersil Corporation ISL84581IVZ Datasheet HTML 11Page - Intersil Corporation ISL84581IVZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN6416.3
April 13, 2009
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1C. ADDRESS tTRANS MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 1D. ADDRESS tTRANS TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. Q MEASUREMENT POINTS
FIGURE 2B. Q TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3A. tBBM MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 3B. tBBM TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
Test Circuits and Waveforms (Continued)
50%
tr < 20ns
tf < 20ns
tTRANS
90%
3V
VNOX
0V
tTRANS
LOGIC
INPUT
SWITCH
OUTPUT
10%
VOUT
0V
VNO0
V
OUT
V
(NO or NC)
R
L
R
L
r
ON
+
------------------------
=
LOGIC
INPUT
VOUT
RL
COM
NO0
ADDA-C
300
Ω
35pF
GND
NO1-NO6
CL
V+
INH
C
V-
C
V+
C
NO7
V-
C
VOUT
ΔVOUT
OFF
ON
OFF
Q =
ΔVOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
3V
0V
CL
VOUT
RG
VG
GND
COM
NO
LOGIC
INPUT
INH
ADDX
V-
C
V+
C
Repeat test for other switches.
1nF
0
Ω
80%
3V
0V
tBBM
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
tr < 20ns
tf < 20ns
LOGIC
INPUT
ADDA-C
COM
RL
CL
VOUT
35pF
300
Ω
NO0-NO7
GND
V+
C
INH
V-
C
V+
C
ISL84581


Similar Part No. - ISL84581IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581IVZ RENESAS-ISL84581IVZ Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ-T INTERSIL-ISL84581IVZ-T Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581IVZ-T RENESAS-ISL84581IVZ-T Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
More results

Similar Description - ISL84581IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com