Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84524IUZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL84524IUZ
Description  Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84524IUZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL84524IUZ Datasheet HTML 4Page - Intersil Corporation ISL84524IUZ Datasheet HTML 5Page - Intersil Corporation ISL84524IUZ Datasheet HTML 6Page - Intersil Corporation ISL84524IUZ Datasheet HTML 7Page - Intersil Corporation ISL84524IUZ Datasheet HTML 8Page - Intersil Corporation ISL84524IUZ Datasheet HTML 9Page - Intersil Corporation ISL84524IUZ Datasheet HTML 10Page - Intersil Corporation ISL84524IUZ Datasheet HTML 11Page - Intersil Corporation ISL84524IUZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN6042.3
February 24, 2012
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and GND. One of
these diodes conducts if any analog signal exceeds V+ or
GND.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or GND. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or GND and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and GND pins constitutes the
analog-signal-path leakage current. All analog leakage
current flows between each pin and one of the supply
terminals, not to the other switch terminal. This is why both
sides of a given switch can show leakage currents of the
same or opposite polarity. There is no connection between
the analog signal paths and V+ or GND.
Typical Performance Curves TA = +25°C, Unless Otherwise Specified
FIGURE 9. ON RESISTANCE vs SUPPLY VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 12. TURN - OFF TIME vs SUPPLY VOLTAGE
V+ (V)
345
6
7
89
10
11
12
13
VCOM = (V+) - 1V
ICOM = 1mA
0
100
200
50
150
250
-40°C
+85°C
+25°C
VCOM (V)
0
4
6
8
10
12
2
V+ = 3.3V
ICOM = 1mA
30
40
50
60
70
80
+85°C
-40°C
+25°C
V+ = 12V
60
80
100
120
140
+25°C
-40°C
+85°C
V+ = 5V
75
100
150
200
225
175
125
+25°C
-40°C
+85°C
V+ (V)
23456789
10
11
12
VCOM = (V+) - 1V
50
100
150
200
250
300
350
0
-40°C
+85°C
+25°C
V+ (V)
23456789
10
11
12
VCOM = (V+) - 1V
10
20
30
40
50
60
70
80
90
100
110
120
+85°C
-40°C
+25°C
ISL84524, ISL84525


Similar Part No. - ISL84524IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84524IUZ INTERSIL-ISL84524IUZ Datasheet
354Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
logo
Renesas Technology Corp
ISL84524IUZ RENESAS-ISL84524IUZ Datasheet
648Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
More results

Similar Description - ISL84524IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84524 INTERSIL-ISL84524_04 Datasheet
354Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
ISL84524 INTERSIL-ISL84524 Datasheet
346Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
logo
Renesas Technology Corp
ISL84524 RENESAS-ISL84524 Datasheet
648Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL43640IU INTERSIL-ISL43640IU Datasheet
415Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
ISL43640 INTERSIL-ISL43640_06 Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Renesas Technology Corp
ISL43640 RENESAS-ISL43640 Datasheet
714Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com