Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54210EVAL1Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL54210EVAL1Z
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54210EVAL1Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54210EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN6661.2
March 18, 2010
Audio Crosstalk
R to COM-, L to COM+
VDD = 3.0V, VBUS = float,
CTRL = 3.0V, RL =32Ω, f = 20Hz to
20kHz, VR or VL = 0.707VRMS (2VP-P)
(see Figure 5)
25
-
-100
-
dB
Crosstalk
(Audio to USB, USB to Audio)
VDD = 3.0V, RL = 50Ω, f = 100kHz
(see Figure 5)
25
-
-100
-
dB
OFF-Isolation
VDD = 3.0V, RL = 50Ω, f = 100kHz
25
-
95
-
dB
OFF-Isolation
VDD = 3.0V, RL = 15Ω, f = 20Hz to
20kHz
25
-
111
-
dB
OFF-Isolation
VDD = 3.0V, RL = 32Ω, f = 20Hz to
20kHz
25
-
105
-
dB
OFF-Isolation
VDD = 3.0V, RL = 1kΩ, f = 20Hz to
20kHz
25
-
75
-
dB
OFF-Isolation
VDD = 3.0V, RL = 10kΩ, f = 20Hz to
20kHz
25
-
57
-
dB
OFF-Isolation
VDD = 3.0V, RL = 100kΩ, f = 20Hz to
20kHz
25
-
45
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, VBUS
= Float, CTRL = 3.0V, VL or
VR =180mVRMS (509mVP-P)
RL =32Ω
25
-
0.014
-
%
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, VBUS
= Float, CTRL = 3.0V, VL or
VR = 0.707VRMS (2VP-P), RL =32Ω
25
-
0.056
-
%
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, VBUS
= 0V, CTRL = 3.0V, VL or
VR =180mVRMS (509mVP-P),
RL =15Ω
25
-
0.043
-
%
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V,
VBUS = 0V, CTRL = 3.0V, VL or
VR = 0.707VRMS (2VP-P), RL =15Ω
25
-
0.19
-
%
Click and Pop
VDD = 3.3V, CTRL = 0V, VBUS = float,
RL = 1kΩ, VL or VR = 0 to 1.25V
DC step or 1.25V to 0V DC step
(see Figure 7)
25
-
60
-
µVp
Click and Pop
VDD = 3.3V, CTRL = 0.5Hz square
wave, VBUS =float, RL = 1kΩ, VL or
VR = AC-coupled to ground
(see Figure 8)
25
-
500
-
µVp
USB Switch -3dB Bandwidth Signal = 0dBm, 0.2VDC offset,
RL =50Ω, CL = 5pF
25
-
700
-
MHz
D+/D- OFF Capacitance,
CD+OFF, CD-OFF
f = 1MHz, VDD = 3.0V, VBUS = float,
CTRL = 3.0V, VD- or VD+ = VCOMx =
0V (see Figure 4)
25
-
4
-
pF
COM ON Capacitance,
CCOM-(ON), CCOM+(ON)
f = 1MHz, VDD = 3.0V, VBUS = 5.0V,
CTRL = 0V, VD- or VD+ = VCOMx = 0V
(see Figure 4)
25
-
9
-
pF
COM ON Capacitance,
CCOM-(ON), CCOM+(ON)
f = 240MHz, VDD = 3.0V,
VBUS =5.0V, CTRL = 0V, VD- or
VD+ = VCOMx = 0V (see Figure 4)
25
-
4.2
-
pF
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VBUSH = 3.8V, VBUSL = 3.2V,
VCTRLH =1.4V, VCTRLL = 0.5V, (Note 11), Unless Otherwise Specified.
Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 13)
TYP
MAX
(Notes 12, 13) UNITS
ISL54210


Similar Part No. - ISL54210EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54210EVAL1Z INTERSIL-ISL54210EVAL1Z Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210EVAL1Z RENESAS-ISL54210EVAL1Z Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results

Similar Description - ISL54210EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com