Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C745 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16C745
Description  8-Bit CMOS Microcontrollers with USB
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C745 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16C745 Datasheet HTML 3Page - Microchip Technology PIC16C745 Datasheet HTML 4Page - Microchip Technology PIC16C745 Datasheet HTML 5Page - Microchip Technology PIC16C745 Datasheet HTML 6Page - Microchip Technology PIC16C745 Datasheet HTML 7Page - Microchip Technology PIC16C745 Datasheet HTML 8Page - Microchip Technology PIC16C745 Datasheet HTML 9Page - Microchip Technology PIC16C745 Datasheet HTML 10Page - Microchip Technology PIC16C745 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 7
PIC16C745/765
2.0
PIC16C745/765 DEVICE
VARIETIES
A variety of frequency ranges and packaging options
are available. Depending on application and production
requirements, the proper device option can be selected
using the information in the PIC16C745/765 Product
Identification System section at the end of this data
sheet. When placing orders, please use that page of
the data sheet to specify the correct part number.
2.1
UV Erasable Devices
The UV erasable version, offered in windowed CERDIP
packages (600 mil), is optimal for prototype develop-
ment and pilot programs. This version can be erased
and reprogrammed to any of the supported oscillator
modes.
Microchip’s PICSTART® Plus and PRO MATE® II
programmers
both
support
programming
of
the
PIC16C745/765.
2.2
One-Time-Programmable (OTP)
Devices
The availability of OTP devices is especially useful for
customers who need the flexibility for frequent code
updates and small volume applications.
The OTP devices, packaged in plastic packages, per-
mit the user to program them once. In addition to the
program memory, the configuration bits must also be
programmed.
2.3
Quick-Turnaround-Production (QTP)
Devices
Microchip offers a QTP Programming Service for fac-
tory production orders. This service is made available
for users who choose not to program a medium to high
quantity of units and whose code patterns have stabi-
lized. The devices are identical to the OTP devices but
with all EPROM locations and configuration options
already programmed by the factory. Certain code and
prototype verification procedures apply before produc-
tion shipments are available. Please contact your local
Microchip Technology sales office for more details.
2.4
Serialized Quick-Turnaround
Production (SQTPSM) Devices
Microchip offers a unique programming service where
a few user-defined locations in each device are pro-
grammed with different serial numbers. The serial num-
bers may be random, pseudo-random or sequential.
Serial programming allows each device to have a
unique number, which can serve as an entry-code,
password or ID number.


Similar Part No. - PIC16C745

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C745 MICROCHIP-PIC16C745 Datasheet
3Mb / 165P
   8-Bit CMOS Microcontrollers with USB
03/01/02
PIC16C745-I MICROCHIP-PIC16C745-I Datasheet
3Mb / 165P
   8-Bit CMOS Microcontrollers with USB
03/01/02
PIC16C745T MICROCHIP-PIC16C745T Datasheet
3Mb / 165P
   8-Bit CMOS Microcontrollers with USB
03/01/02
PIC16C745 MICROCHIP-PIC16C745_13 Datasheet
2Mb / 166P
   8-Bit CMOS Microcontrollers with USB
11/29/12 1999-2013
More results

Similar Description - PIC16C745

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C745-I MICROCHIP-PIC16C745-I Datasheet
3Mb / 165P
   8-Bit CMOS Microcontrollers with USB
03/01/02
PIC16C745 MICROCHIP-PIC16C745_13 Datasheet
2Mb / 166P
   8-Bit CMOS Microcontrollers with USB
11/29/12 1999-2013
logo
Samsung semiconductor
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C8275 SAMSUNG-S3C8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3C828B SAMSUNG-S3C828B Datasheet
3Mb / 369P
   8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
   8-Bit CMOS Microcontrollers
1997 - 1999
PIC16LC62A-04 MICROCHIP-PIC16LC62A-04 Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
logo
Samsung semiconductor
S3P852B SAMSUNG-S3P852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com