Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43L840IRZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL43L840IRZ-T
Description  Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L840IRZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL43L840IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL43L840IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL43L840IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL43L840IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL43L840IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL43L840IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL43L840IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL43L840IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL43L840IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
October 12, 2004
FN6096.1
ISL43L840
Ultra Low ON-Resistance, Low-Voltage,
Single Supply, Dual 4 to 1 Analog
Multiplexer
The Intersil ISL43L840 device is a precision, bidirectional,
analog switches configured as a dual 4-channel
multiplexer/demultiplexer, designed to operate from a single
+1.6V to +3.6V supply.
ON resistance is 0.5
Ω with a +3V supply and 0.62Ω with a
single +1.8V supply. Each switch can handle rail to rail
analog signals. The off-leakage current is only 4nA max at
+25°C and 30nA max at +85°C with a +3.3V supply.
All digital inputs are 1.8V logic-compatible when using a
single +3V supply.
The ISL43L840 is a dual 4 to 1 multiplexer device that is
offered in a 16 Ld TSSOP and 16 Ld 3x3 QFN packages.
Table 1 summarizes the performance of this family.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• ON Resistance (RON)
- V+ = +3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.62
•RON Matching Between Channels. . . . . . . . . . . . . . . . .0.12Ω
•RON Flatness Across Signal Range . . . . . . . . . . . . . .0.056Ω
• Single Supply Operation. . . . . . . . . . . . . . . . . +1.6V to +3.6V
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . <0.2µW
• Fast Switching Action (VS = +3V)
-tRANS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19ns
• Guaranteed Break-Before-Make
• High Current Handling Capacity (300mA Continuous)
• Available in 16 Ld 3x3 QFN and 16 Ld TSSOP
• 1.8V CMOS-Logic Compatible (+3V Supply)
• Pb-Free Available as an Option (RoHS Compliant)
(see Ordering Info)
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching
TABLE 1. FEATURES AT A GLANCE
ISL43L840
Configuration
Dual 4:1 Mux
3V RON
0.5
3V tRANS
19ns
1.8V RON
0.62
1.8V tRANS
24ns
Packages
16 Ld TSSOP, 16 Ld 3x3 QFN
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL43L840IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L840IRZ-T INTERSIL-ISL43L840IRZ-T Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L840IRZ-T RENESAS-ISL43L840IRZ-T Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
More results

Similar Description - ISL43L840IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058_14 Datasheet
266Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
logo
Renesas Technology Corp
ISL43L840 RENESAS-ISL43L840 Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 RENESAS-ISL54058 Datasheet
492Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com