Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7228CIBI Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICM7228CIBI
Description  8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7228CIBI Datasheet(HTML) 1 Page - Intersil Corporation

  ICM7228CIBI Datasheet HTML 1Page - Intersil Corporation ICM7228CIBI Datasheet HTML 2Page - Intersil Corporation ICM7228CIBI Datasheet HTML 3Page - Intersil Corporation ICM7228CIBI Datasheet HTML 4Page - Intersil Corporation ICM7228CIBI Datasheet HTML 5Page - Intersil Corporation ICM7228CIBI Datasheet HTML 6Page - Intersil Corporation ICM7228CIBI Datasheet HTML 7Page - Intersil Corporation ICM7228CIBI Datasheet HTML 8Page - Intersil Corporation ICM7228CIBI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas LLC
Copyright © Intersil Americas LLC 2002-2005, 2015. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
8-Digit, Microprocessor-Compatible, LED
Display Decoder Driver
The Intersil ICM7228 display driver interfaces
microprocessors to an 8-digit, 7-segment, numeric LED
display. Included on chip are two types of 7-segment
decoder, multiplex scan circuitry, LED display segment
drivers, LED display digit drivers and an 8-byte static
memory as display RAM.
Data can be written to the ICM7228A and ICM7228B’s display
RAM in sequential 8-digit update or in single-digit update
format. Data is written to the ICM7228C display RAM in parallel
random access format. The ICM7228A and ICM7228C drive
common anode displays. The ICM7228B drives common
cathode displays. All versions can display the RAM data as
either Hexadecimal or Code B format. The ICM7228A and
ICM7228B incorporate a No Decode mode allowing each bit of
each digit's RAM word to drive individual display segments
resulting in independent control of all display segments. As a
result, bargraph and other irregular display segments and
formats can be driven directly by this chip.
The Intersil ICM7228 is an alternative to both the Maxim
ICM7218 and the Intersil ICM7218 display drivers. Notice that
the ICM7228A/B has an additional single digit access mode.
This could make the Intersil ICM7218A/B software incompatible
with ICM7228A/B operation.
Features
• Pb-Free Plus Anneal Available (RoHS Compliant)
• Improved 2nd Source to Maxim ICM7218
• Fast Write Access Time of 200ns
• Multiple Microprocessor Compatible Versions
• Hexadecimal, Code B and No Decode Modes
• Individual Segment Control with “No Decode” Feature
• Digit and Segment Drivers On-Chip
• Non-Overlapping Digits Drive
• Common Anode and Common Cathode LED Versions
• Low Power CMOS Architecture
• Single 5V Supply
Applications
• Instrumentation
• Test Equipment
• Hand Held Instruments
• Bargraph Displays
• Numeric and Non-Numeric Panel Displays
• High and Low Temperature Environments where LCD
Display Integrity is Compromised
FN3160.9
Data Sheet
August 19, 2015
ICM7228


Similar Part No. - ICM7228CIBI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228CIBI INTERSIL-ICM7228CIBI Datasheet
99Kb / 17P
   8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
ICM7228CIBI INTERSIL-ICM7228CIBI Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228CIBI RENESAS-ICM7228CIBI Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7228CIBIZ INTERSIL-ICM7228CIBIZ Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228CIBIZ RENESAS-ICM7228CIBIZ Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
More results

Similar Description - ICM7228CIBI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228 INTERSIL-ICM7228_05 Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228 INTERSIL-ICM7228 Datasheet
99Kb / 17P
   8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7218AIJI INTERSIL-ICM7218AIJI Datasheet
336Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
ICM7218 INTERSIL-ICM7218 Datasheet
252Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Renesas Technology Corp
ICM7218 RENESAS-ICM7218 Datasheet
676Kb / 14P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com