Electronic Components Datasheet Search |
|
ICM7242IBAZ Datasheet(PDF) 5 Page - Intersil Corporation |
|
ICM7242IBAZ Datasheet(HTML) 5 Page - Intersil Corporation |
5 / 11 page 5 FN2866.5 September 14, 2015 To use the 8-bit counter without the timebase, Terminal 7 (RC) should be connected to ground and the outputs taken from Terminals 2 and 3. The ICM7242 may be used for a very low frequency square wave reference. For this application the timing components are more convenient than those that would be required by a 555 timer. For very low frequencies, devices may be cascaded (see Figure 3). For monostable operation the 28 output is connected to the RESET terminal. A positive edge on TRIGGER initiates the cycle (NOTE: TRIGGER overrides RESET). The ICM7242 is superior in all respects to the 2242 except for initial accuracy and oscillator stability. This is primarily due to the fact that high value p-resistors have been used on the ICM7242 to provide the comparator timing points. By selection of R and C, a wide variety of sequence timing can be realized. A typical flow chart for a machine tool controller could be as shown in Figure 5. By cascading devices, use of low cost CMOS AND/OR gates and appropriate RC delays between stages, numerous sequential control variations can be obtained. Typical applications include injection molding machine controllers, phonograph record production machines, automatic sequencers (no metal contacts or moving parts), milling machine controllers, process timers, automatic lubrication systems, etc. Sequence Timing • Process Control • Machine Automation • Electro-Pneumatic Drivers • Multi Operation (Serial or Parallel Controlling) 1 2 3 4 8 7 6 5 VDD C R 1 2 3 4 8 7 6 5 ICM7242 ICM7242 f = RC/216 FIGURE 3. LOW FREQUENCY REFERENCE (OSCILLATOR) OUTPUT TERMINAL 3 TB OUTPUT TRIGGER TERMINAL 8 TERMINAL 6 1 2 3 4 8 7 6 5 VDD C R ICM7242 OUTPUT 100k TRIGGER RESET S1 FIGURE 4. MONOSTABLE OPERATION TABLE 1. COMPARING THE ICM7242 WITH THE 2242 CHARACTERISTICS ICM7242 2242 Operating Voltage 2V to 16V 4V to 15V Operating Temperature Range -25°C to 85°C0°C to 70°C Supply Current, VDD = 5V 0.7mA (Max) 7mA (Max) Pullup Resistors TB Output No Yes 2 Output No Yes 256 Output No Yes Toggle Rate 3.0MHz 0.5MHz Resistor to Inhibit Oscillator No Yes Resistor in Series with Reset for Monostable Operation No Yes Capacitor TB Terminal for HF Operation No Sometimes TRIGGERING CAN BE OBTAINED FROM A PREVIOUS STAGE, A LIMIT SWITCH, OPERATOR SWITCH, ETC. ENABLE 10s WAIT 5s START ICM7242 ICM7242 WAIT 5s COUNT TO 185 ENABLE 5s ICM7242 ICM7240 ICM7242 STOP START STOP WAIT 5s WAIT 5s ENABLE 5s COUNT TO 185 ENABLE 10s FIGURE 5. FLOW CHART FOR MACHINE TOOL CONTROLLER - ICM7242 ICM7242 |
Similar Part No. - ICM7242IBAZ |
|
Similar Description - ICM7242IBAZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |