Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7211AMlM44 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICM7211AMlM44
Description  4-Digit, LCD Display Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7211AMlM44 Datasheet(HTML) 3 Page - Intersil Corporation

  ICM7211AMlM44 Datasheet HTML 1Page - Intersil Corporation ICM7211AMlM44 Datasheet HTML 2Page - Intersil Corporation ICM7211AMlM44 Datasheet HTML 3Page - Intersil Corporation ICM7211AMlM44 Datasheet HTML 4Page - Intersil Corporation ICM7211AMlM44 Datasheet HTML 5Page - Intersil Corporation ICM7211AMlM44 Datasheet HTML 6Page - Intersil Corporation ICM7211AMlM44 Datasheet HTML 7Page - Intersil Corporation ICM7211AMlM44 Datasheet HTML 8Page - Intersil Corporation ICM7211AMlM44 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN3158.8
October 22, 2015
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD - VSS). . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
Input Voltage (Any Terminal) (Note 1) . . . VSS - 0.3V to VDD, + 0.3V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Thermal Resistance (Typical, Note 2)
JA (°C/W)
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . .
60
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . .-65×°C to 150°C
Maximum Lead Temperature (Soldering, 10s). . . . . . . . . . . . . 300°C
*Pb-free PDIPs can be used for through hole wave solder process-
ing only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Due to the SCR structure inherent in the CMOS process, connecting any terminal to voltages greater than VDD or less than VSS may cause
destructive device latchup. For this reason, it is recommended that no inputs from external sources not operating on the same power supply be
applied to the device before its supply is established, and that in multiple supply systems, the supply to the ICM7211AM be turned on first.
2.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CHARACTERISTICS VDD = 5V 10%, TA = 25°C, VSS = 0V Unless Otherwise Specified
Operating Supply Voltage Range (VDD - VSS), VSUPPLY
356
V
Operating Current, IDD
Test circuit, Display blank
-
10
50
A
Oscillator Input Current, IOSCI
Pin 36
-
2
10
A
Segment Rise/Fall Time, tr, tf
CL = 200pF
-
0.5
-
s
Backplane Rise/Fall Time, tr, tf
CL = 5000pF
-
1.5
-
s
Oscillator Frequency, fOSC
Pin 36 Floating
-
19
-
kHz
Backplane Frequency, fBP
Pin 36 Floating
-
150
-
Hz
INPUT CHARACTERISTICS
Logical “1” Input Voltage, VIH
4-
-
V
Logical “0” Input Voltage, VIL
--
1
V
Input Leakage Current, IILK
Pins 27-34
-
0.01
1
A
Input Capacitance, ClN
Pins 27-34
-
5
-
pF
BP/Brightness Input Leakage, IBPLK
Measured at Pin 5 with Pin 36 at VSS
-
0.01
1
A
BP/Brightness Input Capacitance, CBPI
All Devices
-
200
-
pF
AC CHARACTERISTICS
Chip Select Active Pulse Width, tWL
Other Chip Select Either Held Active, or
Both Driven Together
200
-
-
ns
Data Setup Time, tDS
100
-
-
ns
Data Hold Time, tDH
10
0
-
ns
Inter-Chip Select Time, tICS
2-
-
s
ICM7211AM
ICM7211AM


Similar Part No. - ICM7211AMlM44

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7211AMLM44 INTERSIL-ICM7211AMLM44 Datasheet
83Kb / 12P
   4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
ICM7211AMLM44 INTERSIL-ICM7211AMLM44 Datasheet
162Kb / 9P
   4-Digit, LCD Display Driver
ICM7211AMLM44 INTERSIL-ICM7211AMLM44 Datasheet
204Kb / 8P
   4-Digit, LCD Display Driver
logo
Renesas Technology Corp
ICM7211AMlM44 RENESAS-ICM7211AMlM44 Datasheet
459Kb / 9P
   4-Digit, LCD Display Driver
More results

Similar Description - ICM7211AMlM44

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
   4-Digit, LCD Display Driver
ICM7211A INTERSIL-ICM7211A Datasheet
162Kb / 9P
   4-Digit, LCD Display Driver
ICM7211AM INTERSIL-ICM7211AM Datasheet
258Kb / 7P
   4-Digit, LCD Display Driver
logo
Renesas Technology Corp
ICM7211AM RENESAS-ICM7211AM Datasheet
459Kb / 9P
   4-Digit, LCD Display Driver
logo
ams AG
AS1108 AMSCO-AS1108 Datasheet
601Kb / 19P
   4-Digit LED Display Driver
AS1108 AMSCO-AS1108_1 Datasheet
592Kb / 19P
   4-Digit LED Display Driver
logo
Princeton Technology Co...
PT6522 PTC-PT6522 Datasheet
698Kb / 13P
   LCD Display Driver
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W Datasheet
201Kb / 29P
   LCD Display Driver
November, 2013
logo
Finechips
FD2000 FINECHIPS-FD2000 Datasheet
4Mb / 37P
   LCD Display Driver
logo
ON Semiconductor
LC75829PE ONSEMI-LC75829PE Datasheet
207Kb / 22P
   LCD Display Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com