Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS8117A Datasheet(PDF) 6 Page - Texas Instruments

Part # LMS8117A
Description  1A Low-Dropout Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMS8117A Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMS8117A_15 Datasheet HTML 2Page - Texas Instruments LMS8117A_15 Datasheet HTML 3Page - Texas Instruments LMS8117A_15 Datasheet HTML 4Page - Texas Instruments LMS8117A_15 Datasheet HTML 5Page - Texas Instruments LMS8117A_15 Datasheet HTML 6Page - Texas Instruments LMS8117A_15 Datasheet HTML 7Page - Texas Instruments LMS8117A_15 Datasheet HTML 8Page - Texas Instruments LMS8117A_15 Datasheet HTML 9Page - Texas Instruments LMS8117A_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical Performance Characteristics
Dropout Voltage (V
IN-V OUT)
Short-Circuit Current
10119622
10119623
Load Regulation
LMS8117A-ADJ Ripple Rejection vs. Current
10119624
10119606
LMS8117A-ADJ Ripple Rejection
Temperature Stability
10119607
10119625
www.national.com
5


Similar Part No. - LMS8117A_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS8117ADT-1.8 NSC-LMS8117ADT-1.8 Datasheet
777Kb / 16P
   1A Low-Dropout Linear Regulator
LMS8117ADT-1.8 NSC-LMS8117ADT-1.8 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
LMS8117ADT-3.3 NSC-LMS8117ADT-3.3 Datasheet
777Kb / 16P
   1A Low-Dropout Linear Regulator
LMS8117ADT-3.3 NSC-LMS8117ADT-3.3 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
LMS8117ADT-ADJ NSC-LMS8117ADT-ADJ Datasheet
777Kb / 16P
   1A Low-Dropout Linear Regulator
More results

Similar Description - LMS8117A_15

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com