Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM9036M-5.0 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM9036M-5.0
Description  Ultra-Low Quiescent Current Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM9036M-5.0 Datasheet(HTML) 1 Page - Texas Instruments

  LM9036M-5.0 Datasheet HTML 1Page - Texas Instruments LM9036M-5.0 Datasheet HTML 2Page - Texas Instruments LM9036M-5.0 Datasheet HTML 3Page - Texas Instruments LM9036M-5.0 Datasheet HTML 4Page - Texas Instruments LM9036M-5.0 Datasheet HTML 5Page - Texas Instruments LM9036M-5.0 Datasheet HTML 6Page - Texas Instruments LM9036M-5.0 Datasheet HTML 7Page - Texas Instruments LM9036M-5.0 Datasheet HTML 8Page - Texas Instruments LM9036M-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM9036
www.ti.com
SNVS140E – AUGUST 2003 – REVISED MARCH 2013
LM9036 Ultra-Low Quiescent Current Voltage Regulator
Check for Samples: LM9036
1
FEATURES
DESCRIPTION
The LM9036 ultra-low quiescent current regulator
2
Ultra low Ground Pin Current (IGND ≤ 25µA for
features low dropout voltage and low current in the
IOUT = 0.1mA)
standby mode. With less than 25µA Ground Pin
Fixed 5V, 3.3V, 50mA Output
current at a 0.1mA load, the LM9036 is ideally suited
Output Tolerance ±5% Over Line, Load, and
for automotive and other battery operated systems.
The LM9036 retains all of the features that are
Temperature
common to low dropout regulators including a low
Dropout Voltage Typically 200mV @ IOUT =
dropout PNP pass device, short circuit protection,
50mA
reverse battery protection, and thermal shutdown.
−45V Reverse Transient Protection
The LM9036 has a 40V maximum operating voltage
limit, a
−40°C to +125°C operating temperature
Internal Short Circuit Current Limit
range, and ±5% output voltage tolerance over the
Internal Thermal Shutdown Protection
entire output current, input voltage, and temperature
40V Operating Voltage Limit
range.
Typical Application
* Required if regulator is located more than 2
″ from power supply filter capacitor.
** Required for stability. Must be rated over intended operating temperature range. Effective series resistance (ESR)
is critical, see Electrical Characteristics. Locate capacitor as close as possible to the regulator output and ground
pins. Capacitance may be increased without bound.
Connection Diagram
Figure 1. PFM
Top View
Order Number LM9036DT-5.0, LM9036DTX-5.0,
LM9036DT-3.3, LM9036DTX-3.3
See NS Package Number NDP0003B
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM9036M-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9036M-5.0 NSC-LM9036M-5.0 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
LM9036M-5.0 NSC-LM9036M-5.0 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
More results

Similar Description - LM9036M-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036Q TI-LM9036Q_15 Datasheet
835Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com