Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM9076Q Datasheet(PDF) 11 Page - Texas Instruments

Part # LM9076Q
Description  150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM9076Q Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM9076Q Datasheet HTML 7Page - Texas Instruments LM9076Q Datasheet HTML 8Page - Texas Instruments LM9076Q Datasheet HTML 9Page - Texas Instruments LM9076Q Datasheet HTML 10Page - Texas Instruments LM9076Q Datasheet HTML 11Page - Texas Instruments LM9076Q Datasheet HTML 12Page - Texas Instruments LM9076Q Datasheet HTML 13Page - Texas Instruments LM9076Q Datasheet HTML 14Page - Texas Instruments LM9076Q Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM9076Q
www.ti.com
SNVS713B – APRIL 2011 – REVISED MARCH 2013
APPLICATION INFORMATION
REGULATOR BASICS
The LM9076Q regulator is suitable for Automotive and Industrial applications where continuous connection to a
battery supply is required (refer to the Typical Application circuit).
The pass element of the regulator is a PNP device which requires an output bypass capacitor for stability. The
minimum bypass capacitance for the output is 10
μF (refer to ESR limitations). A 22 μF, or larger, output bypass
capacitor is recommended for typical applications
INPUT CAPACITOR
The LM9076Q requires a low source impedance to maintain regulator stability because critical portions of the
internal bias circuitry are connected to directly to VIN. In general, a 10 μF electrolytic capacitor, located within two
inches of the LM9076Q, is adequate for a majority of applications. Additionally, and at a minimum, a 0.1
μF
ceramic capacitor should be located between the LM9076Q VIN and Ground pin, and as close as is physically
possible to the LM9076Q itself .
OUTPUT CAPACITOR
An output bypass capacitor is required for stability. This capacitance must be placed between the LM9076Q VOUT
pin and Ground pin, as close as is physically possible, using traces that are not part of the load current path.
The output capacitor must meet the requirements for minimum capacitance and also maintain the appropriate
ESR value across the entire operating ambient temperature range. There is no limit to the maximum output
capacitance as long as ESR is maintained.
The minimum bypass capacitance for the output is 10
μF (refer to ESR limitations). A 22 μF, or larger, output
bypass capacitor is recommended for typical applications.
Solid tantalums capacitors are recommended as they generally maintain capacitance and ESR ratings over a
wide temperature range. Ceramic capacitor types XR7 and XR5 may be used if a series resistor is added to
simulate the minimum ESR requirement. See Figure 24.
Aluminum electrolytic capacitors are not recommended as they are subject to wide changes in capacitance and
ESR across temperature.
Figure 24. Using Low ESR Capacitors
DELAY CAPACITOR
The capacitor on the Delay pin must be a low leakage type since the charge current is minimal (420 nA typical)
and the pin must fully charge to VOUT. Ceramic, Mylar, and polystyrene capacitor types are generally
recommended, although changes in capacitance values across temperature changes will have some effect on
the delay timing.
Any leakage of the IDELAY current, be it through the delay capacitor or any other path, will extend the delay time,
possibly to the point that the Reset pin output does not go high.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM9076Q


Similar Part No. - LM9076Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9076Q TI1-LM9076Q Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076QBMA-3.3 TI1-LM9076QBMA-3.3 Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076QBMA-5.0 TI1-LM9076QBMA-5.0 Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076QBMAX-3.3 TI1-LM9076QBMAX-3.3 Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076QBMAX-5.0 TI1-LM9076QBMAX-5.0 Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
More results

Similar Description - LM9076Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
Texas Instruments
LM9076Q TI1-LM9076Q Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076BMA-3.3 TI-LM9076BMA-3.3 Datasheet
1Mb / 20P
[Old version datasheet]   LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com