Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM9036Q Datasheet(PDF) 2 Page - Texas Instruments

Part # LM9036Q
Description  Ultra-Low Quiescent Current Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM9036Q Datasheet(HTML) 2 Page - Texas Instruments

  LM9036Q Datasheet HTML 1Page - Texas Instruments LM9036Q Datasheet HTML 2Page - Texas Instruments LM9036Q Datasheet HTML 3Page - Texas Instruments LM9036Q Datasheet HTML 4Page - Texas Instruments LM9036Q Datasheet HTML 5Page - Texas Instruments LM9036Q Datasheet HTML 6Page - Texas Instruments LM9036Q Datasheet HTML 7Page - Texas Instruments LM9036Q Datasheet HTML 8Page - Texas Instruments LM9036Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM9036Q
SNVS685B – NOVEMBER 2010 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Input Voltage (Survival)
+55V,
−45V
ESD Susceptibility (3)
±1.9kV
Power Dissipation (4)
Internally limited
Junction Temperature (TJmax)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating ratings.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 100pF discharge through a 1.5k
Ω resistor.
(4)
The maximum power dissipation is a function of TJmax, θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJmax − TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and the LM9036Q will go
into thermal shutdown.
Operating Ratings
Operating Temperature Range
−40°C to +125°C
Maximum Input Voltage (Operational)
40V
SOIC-8 (D0008A)
θJA
(1) (2)
140°C/W
SOIC-8 (D0008A)
θJC
45°C/W
VSSOP-8 (DGK0008A)
θJA
(1)
200°C/W
(1)
Typical
θJA with 1 square inch of 2 oz. copper pad area directly under the ground tab.
(2)
Worst case (Free Air) per EIA / JESD51-3.
Electrical Characteristics - LM9036Q-5.0
VIN = 14V, IOUT = 10 mA, TJ = 25°C, unless otherwise specified. Boldface limits apply over entire operating temperature
range
Min
Typical
Max
Parameter
Conditions
Units
(1)
(2)
(1)
4.80
5.00
5.20
Output Voltage (VOUT)
V
5.5V
≤ VIN ≤ 26V,
4.75
5.00
5.25
0.1mA
≤ IOUT ≤ 50mA
(3)
IOUT = 0.1mA, 8V ≤ VIN ≤ 24V
20
25
µA
IOUT = 1mA, 8V ≤ VIN ≤ 24V
50
100
Quiescent Current (IGND)
IOUT = 10mA, 8V ≤ VIN ≤ 24V
0.3
0.5
mA
IOUT = 50mA, 8V ≤ VIN ≤ 24V
2.0
2.5
Line Regulation (
Δ VOUT)
6V
≤ VIN ≤ 40V, IOUT = 1mA
10
30
mV
Load Regulation (
Δ VOUT)
0.1mA
≤ IOUT ≤ 5mA
10
30
mV
5mA
≤ IOUT ≤ 50mA
10
30
mV
Dropout Voltage (
Δ VOUT)
IOUT = 0.1mA
0.05
0.10
V
IOUT = 50mA
0.20
0.40
V
Short Circuit Current (ISC)
VOUT = 0V
65
120
250
mA
Ripple Rejection (PSRR)
Vripple = 1Vrms, Fripple = 120Hz
−40
−60
dB
Output Bypass Capacitance
0.3
Ω ≤ ESR ≤ 8Ω
10
22
µF
(COUT)
0.1mA
≤ IOUT ≤ 50mA
(1)
Tested limits are specified to AOQL (Average Outgoing Quality Level) and 100% tested.
(2)
Typicals are at 25°C (unless otherwise specified) and represent the most likely parametric norm.
(3)
To ensure constant junction temperature, pulse testing is used.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM9036Q


Similar Part No. - LM9036Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
LM9036Q-Q1 TI-LM9036Q-Q1 Datasheet
817Kb / 13P
[Old version datasheet]   LM9036Q Ultra-Low Quiescent Current Voltage Regulator
LM9036QM-3.3 TI1-LM9036QM-3.3 Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
LM9036QM-5.0 TI1-LM9036QM-5.0 Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
LM9036QMM-3.3 TI1-LM9036QMM-3.3 Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
More results

Similar Description - LM9036Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com