Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7805C Datasheet(PDF) 4 Page - Texas Instruments

Part # LM7805C
Description  LM78XX Series Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7805C Datasheet(HTML) 4 Page - Texas Instruments

  LM7805C_15 Datasheet HTML 1Page - Texas Instruments LM7805C_15 Datasheet HTML 2Page - Texas Instruments LM7805C_15 Datasheet HTML 3Page - Texas Instruments LM7805C_15 Datasheet HTML 4Page - Texas Instruments LM7805C_15 Datasheet HTML 5Page - Texas Instruments LM7805C_15 Datasheet HTML 6Page - Texas Instruments LM7805C_15 Datasheet HTML 7Page - Texas Instruments LM7805C_15 Datasheet HTML 8Page - Texas Instruments LM7805C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LM7805C, LM7812C, LM7815C
SNOSBR7D – MAY 2000 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS LM78XXC
(1) (continued)
0°C
≤ TJ ≤ 125°C unless otherwise noted.
Output Voltage
5V
12V
15V
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Symbol
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VN
Output Noise
TA =25°C, 10 Hz ≤ f ≤ 100 kHz
40
75
90
μV
Voltage
Ripple Rejection
f = 120 Hz
IO ≤ 1A, Tj = 25°C
62
80
55
72
54
70
dB
or
ΔVIN
IO ≤ 500 mA
62
55
54
dB
VOUT
0°C
≤ Tj ≤ +125°C
VMIN ≤ VIN ≤ VMAX
(8
≤ VIN ≤ 18)
(15
≤ VIN ≤ 25)
(18.5
≤ VIN ≤ 28.5)
V
RO
Dropout Voltage
Tj = 25°C, IOUT = 1A
2.0
2.0
2.0
V
Output Resistance
f = 1 kHz
8
18
19
m
Ω
Short-Circuit Current Tj = 25°C
2.1
1.5
1.2
A
Peak Output Current Tj = 25°C
2.4
2.4
2.4
A
Average TC of VOUT 0°C ≤ Tj ≤ +125°C, IO = 5 mA
0.6
1.5
1.8
mV/°C
VIN
Input Voltage
Required to
Tj = 25°C, IO ≤ 1A
7.5
14.6
17.7
V
Maintain
Line Regulation
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM7805C LM7812C LM7815C


Similar Part No. - LM7805C_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7805CK NSC-LM7805CK Datasheet
147Kb / 8P
   Series Voltage Regulators
LM7805CK NSC-LM7805CK Datasheet
158Kb / 6P
   Voltage Regulators
logo
Thinki Semiconductor Co...
LM7805CK THINKISEMI-LM7805CK Datasheet
655Kb / 5P
   THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
logo
Comset Semiconductor
LM7805CT COMSET-LM7805CT Datasheet
100Kb / 3P
   Positive Voltage Regulators
logo
Fairchild Semiconductor
LM7805CT FAIRCHILD-LM7805CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
More results

Similar Description - LM7805C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
logo
CUI INC
V78XX-2000 CUI-V78XX-2000 Datasheet
765Kb / 6P
   pin compatible to LM78XX linear regulators
logo
Texas Instruments
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM7812CT TI1-LM7812CT Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
logo
Murata Power Solutions ...
7803SR-C MURATA-PS-7803SR-C Datasheet
398Kb / 6P
   3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com