Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C73B Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC16C73B
Description  28/40-Pin 8-Bit CMOS Microcontrollers
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C73B Datasheet(HTML) 5 Page - Microchip Technology

  PIC16C73B Datasheet HTML 1Page - Microchip Technology PIC16C73B Datasheet HTML 2Page - Microchip Technology PIC16C73B Datasheet HTML 3Page - Microchip Technology PIC16C73B Datasheet HTML 4Page - Microchip Technology PIC16C73B Datasheet HTML 5Page - Microchip Technology PIC16C73B Datasheet HTML 6Page - Microchip Technology PIC16C73B Datasheet HTML 7Page - Microchip Technology PIC16C73B Datasheet HTML 8Page - Microchip Technology PIC16C73B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 184 page
background image
 2000 Microchip Technology Inc.
DS30605C-page 5
PIC16C63A/65B/73B/74B
1.0
GENERAL DESCRIPTION
The PIC16C63A/65B/73B/74B devices are low cost,
high performance, CMOS, fully-static, 8-bit micro-
controllers in the PIC16CXX mid-range family.
All PICmicro® microcontrollers employ an advanced
RISC architecture. The PIC16CXX microcontroller
family has enhanced core features, eight-level deep
stack and multiple internal and external interrupt
sources. The separate instruction and data buses of
the Harvard architecture allow a 14-bit wide instruction
word with the separate 8-bit wide data. The two stage
instruction pipeline allows all instructions to execute in
a single cycle, except for program branches, which
require two cycles. A total of 35 instructions (reduced
instruction set) are available. Additionally, a large reg-
ister set gives some of the architectural innovations
used to achieve a very high performance.
The PIC16C63A/73B devices have 22 I/O pins. The
PIC16C65B/74B devices have 33 I/O pins. Each
device has 192 bytes of RAM. In addition, several
peripheral features are available, including: three timer/
counters, two Capture/Compare/PWM modules, and
two serial ports. The Synchronous Serial Port (SSP)
can be configured as either a 3-wire Serial Peripheral
Interface (SPI) or the two-wire Inter-Integrated Circuit
(I 2C) bus. The Universal Synchronous Asynchronous
Receiver Transmitter (USART) is also known as the
Serial Communications Interface or SCI. Also, a 5-
channel high speed 8-bit A/D is provided on the
PIC16C73B, while the PIC16C74B offers 8 channels.
The 8-bit resolution is ideally suited for applications
requiring low cost analog interface, e.g., thermostat
control, pressure sensing, etc.
The PIC16C63A/65B/73B/74B devices have special
features to reduce external components, thus reducing
cost, enhancing system reliability and reducing power
consumption. There are four oscillator options, of which
the single pin RC oscillator provides a low cost solution,
the LP oscillator minimizes power consumption, XT is
a standard crystal, and the HS is for high speed crys-
tals. The SLEEP (power-down) feature provides a
power-saving mode. The user can wake-up the chip
from SLEEP through several external and internal
interrupts and RESETS.
A highly reliable Watchdog Timer (WDT), with its own
on-chip RC oscillator, provides protection against soft-
ware lockup, and also provides one way of waking the
device from SLEEP.
A UV erasable CERDIP packaged version is ideal for
code development, while the cost effective One-Time-
Programmable (OTP) version is suitable for production
in any volume.
The PIC16C63A/65B/73B/74B devices fit nicely in
many applications ranging from security and remote
sensors to appliance control and automotive. The
EPROM technology makes customization of applica-
tion programs (transmitter codes, motor speeds,
receiver frequencies, etc.) extremely fast and con-
venient. The small footprint packages make this micro-
controller series perfect for all applications with space
limitations. Low cost, low power, high performance,
ease of use and I/O flexibility make the PIC16C63A/
65B/73B/74B devices very versatile, even in areas
where no microcontroller use has been considered
before (e.g., timer functions, serial communication,
capture and compare, PWM functions and coprocessor
applications).
1.1
Family and Upward Compatibility
Users familiar with the PIC16C5X microcontroller fam-
ily will realize that this is an enhanced version of the
PIC16C5X architecture. Please refer to Appendix A for
a detailed list of enhancements. Code written for the
PIC16C5X can be easily ported to the PIC16CXX fam-
ily of devices (Appendix B).
1.2
Development Support
PICmicro® devices are supported by the complete line
of Microchip Development tools.
Please refer to Section 15.0 for more details about
Microchip’s development tools.


Similar Part No. - PIC16C73B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C73B MICROCHIP-PIC16C73B Datasheet
1Mb / 186P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16C73B MICROCHIP-PIC16C73B Datasheet
1Mb / 186P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C73B MICROCHIP-PIC16C73B Datasheet
2Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16C73B MICROCHIP-PIC16C73B Datasheet
2Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16C73B MICROCHIP-PIC16C73B Datasheet
1Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
More results

Similar Description - PIC16C73B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
PIC16CR73 MICROCHIP-PIC16CR73 Datasheet
3Mb / 172P
   28/40-Pin, 8-Bit CMOS ROM Microcontrollers
2007
PIC16F87X MICROCHIP-PIC16F87X_01 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X_98 Datasheet
1Mb / 200P
   28/40-pin 8-Bit CMOS FLASH Microcontrollers
1998
PIC16LF73-I MICROCHIP-PIC16LF73-I Datasheet
4Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
01/18/02
PIC16CR7X MICROCHIP-PIC16CR7X Datasheet
3Mb / 172P
   28/40-Pin, 8-Bit CMOS ROM Microcontrollers
2007
P16F877 MICROCHIP-P16F877 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 170P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com