Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C16A-25IP Datasheet(PDF) 4 Page - Microchip Technology

Part # 27C16A-25IP
Description  16K (2K x 8) CMOS EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C16A-25IP Datasheet(HTML) 4 Page - Microchip Technology

  27C16A-25IP Datasheet HTML 1Page - Microchip Technology 27C16A-25IP Datasheet HTML 2Page - Microchip Technology 27C16A-25IP Datasheet HTML 3Page - Microchip Technology 27C16A-25IP Datasheet HTML 4Page - Microchip Technology 27C16A-25IP Datasheet HTML 5Page - Microchip Technology 27C16A-25IP Datasheet HTML 6Page - Microchip Technology 27C16A-25IP Datasheet HTML 7Page - Microchip Technology 27C16A-25IP Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
28C16A
DS11125G-page 4
© 1996 Microchip Technology Inc.
TABLE 1-4:
BYTE WRITE AC CHARACTERISTICS
FIGURE 1-2:
PROGRAMMING WAVEFORMS
AC Testing Waveform:
VIH = 2.4V and VIL = 0.45V; VOH = 2.0V; VOL = 0.8V
Output Load:
1 TTL Load + 100 pF
Input Rise/Fall Times:
20 ns
Ambient Temperature:
Commercial (C):
Tamb
=
0˚C to +70˚C
Industrial
(I):
Tamb
=
-40˚C to +85˚C
Parameter
Symbol
Min
Max
Units
Remarks
Address Set-Up Time
tAS
10
ns
Address Hold Time
tAH
50
ns
Data Set-Up Time
tDS
50
ns
Data Hold Time
tDH
10
ns
Write Pulse Width
tWPL
100
ns
Note 1
Write Pulse High Time
tWPH
50
ns
OE Hold Time
tOEH
10
ns
OE Set-Up Time
tOES
10
ns
Data Valid Time
tDV
1000
ns
Note 2
Write Cycle Time (28C16A)
tWC
1
ms
0.5 ms typical
Write Cycle Time (28C16AF)
tWC
200
µs
100
µs typical
Note 1: A write cycle can be initiated be CE or WE going low, whichever occurs last. The data is latched on the pos-
itive edge of CE or WE, whichever occurs first.
2: Data must be valid within 1000ns max. after a write cycle is initiated and must be stable at least until tDH
after the positive edge of WE or CE, whichever occurs first.
tAS
tAH
tWPL
tDS
tDH
tOES
tOEH
tDV
Address
CE, WE
Data In
OE
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL


Similar Part No. - 27C16A-25IP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
27C16 NSC-27C16 Datasheet
111Kb / 8P
   16,384-Bit (2048 x 8) UV Erasable CMOS PROM Military Qualified
logo
STMicroelectronics
27C160 STMICROELECTRONICS-27C160 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
logo
Macronix International
27C1610-10 MCNIX-27C1610-10 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
27C1610-12 MCNIX-27C1610-12 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
National Semiconductor ...
27C16Q450 NSC-27C16Q450 Datasheet
111Kb / 8P
   16,384-Bit (2048 x 8) UV Erasable CMOS PROM Military Qualified
More results

Similar Description - 27C16A-25IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
   16K 2K x 8 CMOS E2PROM
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
ATMEL Corporation
AT28BV16 ATMEL-AT28BV16 Datasheet
398Kb / 8P
   16K 2K x 8 Battery-Voltage CMOS E2PROM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com