Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLS850F0TAV50 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLS850F0TAV50
Description  Low Dropout Linear Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS850F0TAV50 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLS850F0TAV50_15 Datasheet HTML 18Page - Infineon Technologies AG TLS850F0TAV50_15 Datasheet HTML 19Page - Infineon Technologies AG TLS850F0TAV50_15 Datasheet HTML 20Page - Infineon Technologies AG TLS850F0TAV50_15 Datasheet HTML 21Page - Infineon Technologies AG TLS850F0TAV50_15 Datasheet HTML 22Page - Infineon Technologies AG TLS850F0TAV50_15 Datasheet HTML 23Page - Infineon Technologies AG TLS850F0TAV50_15 Datasheet HTML 24Page - Infineon Technologies AG TLS850F0TAV50_15 Datasheet HTML 25Page - Infineon Technologies AG TLS850F0TAV50_15 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Data Sheet
22
Rev. 1.0, 2015-07-24
TLS850F0TAV50
Block Description and Electrical Characteristics
Table 8
Electrical Characteristics Reset
T
j = -40 °C to +150 °C, VI = 13.5 V, all voltages with respect to ground (unless otherwise specified)
Typical values are given at
T
j = 25 °C
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min. Typ. Max.
Output Undervoltage Reset 5V Version only
Output Undervoltage Reset Upper
Switching Threshold
V
RT,high
4.6
4.7
4.8
V
V
Q increasing
P_5.7.1
Output Undervoltage Reset Lower
Switching Threshold - Default
V
RT,low
4.5
4.6
4.7
V
V
Q decreasing
RADJ = GND
P_5.7.2
Output Undervoltage Reset
Switching Hysteresis
V
RT,hy
60
100
mV
RADJ connected to GND P_5.7.3
Output Undervoltage Reset
Headroom
V
Q - VRT
V
RH
200
400
mV
RADJ = GND
P_5.7.4
Reset Threshold Adjustment
Reset Adjustment Switching
Threshold
V
RADJ,th
1.15 1.20 1.25
V
P_5.7.9
Reset Threshold Adjustment Range
V
RT,range
2.5
4.4
V
for
V
Q,nom =5V
P_5.7.10
Reset Output / Watchdog Output RO/WO
Reset Output Watchdog Output
Low Voltage
V
RO/WO,low
–0.2
0.4
V
1 V ≤
V
Q VRT;
R
RO/WO ≥ 5.1 kΩ
P_5.7.16
Reset Output Watchdog Output
Internal Pull-Up Resistor
R
RO/WO,int
13
20
36
kΩ
internally connected to Q P_5.7.17
Reset Output Watchdog Output
External Pull-up Resistor to
V
Q
R
RO/WO,ext
5.1
kΩ
1V ≤
V
Q VRT;
V
RO/WO ≤ 0.4 V
P_5.7.18
Reset Delay Timing
Reset Delay Time
t
rd
13.2 16.5 19.8
ms
Fixed Timing
P_5.7.39
Reset blanking time
trr,blank
–7
µs
1) for V
Q,nom =5V
1) Not subject to production test, specified by design.
P_5.7.46
Internal Reset Reaction Time
t
rr,int
–10
33
µs
for
V
Q,nom =5V
P_5.7.36


Similar Part No. - TLS850F0TAV50_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS850F0TAV33 INFINEON-TLS850F0TAV33 Datasheet
1Mb / 36P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-12-01
More results

Similar Description - TLS850F0TAV50_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com