Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7WH14 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # XC7WH14
Description  Triple inverting Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7WH14 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button XC7WH14_15 Datasheet HTML 4Page - NXP Semiconductors XC7WH14_15 Datasheet HTML 5Page - NXP Semiconductors XC7WH14_15 Datasheet HTML 6Page - NXP Semiconductors XC7WH14_15 Datasheet HTML 7Page - NXP Semiconductors XC7WH14_15 Datasheet HTML 8Page - NXP Semiconductors XC7WH14_15 Datasheet HTML 9Page - NXP Semiconductors XC7WH14_15 Datasheet HTML 10Page - NXP Semiconductors XC7WH14_15 Datasheet HTML 11Page - NXP Semiconductors XC7WH14_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
XC7WH14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 7 February 2013
8 of 18
NXP Semiconductors
XC7WH14
Triple inverting Schmitt trigger
13.1 Transfer characteristic waveforms
Fig 9.
Transfer characteristic
Fig 10. The definitions of VT+, VT and VH
mna026
VO
VH
VI
VT−
VT+
mna027
VO
VI
VH
VT+
VT−
VCC = 3.0 V.
VCC = 4.5 V.
Fig 11. Typical transfer characteristics
Fig 12. Typical transfer characteristics
0
01
3
1.5
0.5
1
mna401
2
VI (V)
ICC
(mA)
05
VI (V)
ICC
(mA)
5
0
1
mna402
2
3
4
1234


Similar Part No. - XC7WH14_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XC7WH14DC NEXPERIA-XC7WH14DC Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
XC7WH14DP NEXPERIA-XC7WH14DP Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
XC7WH14GT NEXPERIA-XC7WH14GT Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
More results

Similar Description - XC7WH14_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
   Triple inverting Schmitt trigger
Rev. 5-9 December 2013
logo
Nexperia B.V. All right...
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
   Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
XC7WH14 NEXPERIA-XC7WH14 Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
logo
NXP Semiconductors
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
   Triple inverting Schmitt trigger
Rev. 3-23 January 2013
74AHC_AHCT3G14 PHILIPS-74AHC_AHCT3G14_15 Datasheet
220Kb / 19P
   Triple inverting Schmitt trigger
Rev. 8-13 May 2013
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
logo
NXP Semiconductors
74HC3G14 NXP-74HC3G14 Datasheet
109Kb / 18P
   Triple inverting Schmitt trigger
Rev. 03-8 May 2009
logo
Nexperia B.V. All right...
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com