Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY78011 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY78011
Description  Integrated coupler with coupled port for 3G-4G band operation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY78011 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY78011_21 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY78011_21 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. Phone [781] 376-3000 • Fax [781] 376-3100 sales@skyworksinc.com • www.skyworksinc.com
202717B • Skyworks Proprietary information • Products and Product Information are Subject to Change Without Notice • January 27, 2014
1
PRODUCT SUMMARY
SKY78011-21 SkyOne™ Multiband Multimode Front-End
Module for Quad-Band GSM / GPRS / EDGE – Penta-Band
(Bands I, II, III, V, VIII) WCDMA / HSPA / HSPA+ / LTE
Applications
• Quad-band cellular handsets:
- Class 4 GSM850 / EGSM900
- Class 1 DCS1800 / PCS1900
- Class E2 GSM850 / EGSM900 / DCS1800 / PCS1900
- Class 12 multi-slot EGPRS
• Multiband 3G handsets
• WCDMA / HSPA / HSPA+ / LTE-modulated handsets for bands
I, II, III, V, VIII
Features
• Hybrid architecture: separate GSM, WCDMA paths
• 50 Ω I/O impedances, integrated DC blocking on all ports
• Separate single-ended GSM and WCDMA inputs and outputs
• Integrated coupler with coupled port for 3G/4G band operation
• Integrated 2.5G DCS/PCS Rx filter
• CMOS-compatible four-line logic input plus HB/LB enable
• VCC stages for 2.5G / 3G can attach to battery or buck DC/DC
• Small, low profile package:
- 7 mm x 9.8 mm x 1.05 mm
- 60-pad configuration
• 2.5G features:
- EGPRS Class 12 multi-slot operation
- Two RF POUT control levels using digital logic interface
- Linear PA with bias optimization for efficiency/linearity trade-
off in 8PSK mode
• 3G features:
- WCDMA mode supports output power, bandwidth for bands
I, II, III, V, VIII through integrated select switch
- Two RF POUT control levels using digital logic interface
- Linear amplifiers with bias optimization and low/high mode
gain switch for best efficiency/linearity tradeoff
• 4G features:
- LTE supports output power, bandwidth bands I, II, III, V, VIII
- Bands I, II, III up to 20 MHz bandwidth
- Bands V, VIII up to 10 MHz bandwidth
Description
The SKY78011-21 SkyOne™ is a hybrid, multimode, multiband
Front-End Module (FEM) that supports 2.5G and 3G / 4G handsets
and operates efficiently in GSM, GPRS, EDGE, WCDMA, HSPA, and
LTE modes. The FEM consists of a GSM800/EGSM900 PA block, a
DCS1800/PCS1900 PA block, separate WCDMA blocks operating
in the low and high bands, a logic control block for multiple power
control levels, and band enable functions in both cellular and
UMTS. RF I/O ports are internally matched to 50
Ω to minimize
the number of external components. Extremely low leakage
current maximizes handset standby time. The InGaP/GaAs die and
passive components are mounted on a multi-layer laminate
substrate and the assembly encapsulated in plastic overmold.
GSM / EDGE: The SKY78011-21 uses a new compact
architecture supporting the GSM850, EGSM900, DCS1800 and
PCS1900 bands. The FEM also supports 2.5G Class 12 Enhanced
General Packet Radio Service (EGPRS) multi-slot operation and
EDGE linear modulation.
WCDMA: The SKY78011-21 uses an enhanced architecture to:
support WCDMA/High-Speed Downlink Packet Access (HSDPA)
and High-Speed Uplink Packet Access (HSUPA) modulations;
cover multiple bands for 3GPP, including bands I, II, III, V, and VIII;
operate at different power modes. The module is fully controllable
via four logic lines and band-enable interfaces.
LTE: The SKY78011-21 meets spectral linearity requirements of
LTE modulation with QPSK/16QAM up to 20 MHz bandwidth,
including various resource block allocations, with good power-
added efficiency.
Receiver Section: The SKY78011-21 has integrated Duplexers,
RX SAWs and SP12T SOI switch to provide 2G / 3G / 4G Rx paths
from antenna to LNA port of RFIC. Optimized “Rx paths and
matching circuits” with well-grounded guard trace (high Tx–Rx
isolation) inside module mitigate de-sense problem and enhance
sensitivity performance.
TRx Port: The SKY78011-21 provides three vacant broadband
TRx ports for additional band requirements.


Similar Part No. - SKY78011_21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY78011-21 SKYWORKS-SKY78011-21 Datasheet
88Kb / 2P
   Multiband Multimode Front-End Module for Quad-Band GSM / GPRS / EDGE - Penta-Band (Bands I, II, III, V, VIII) WCDMA / HSPA / HSPA / LTE
More results

Similar Description - SKY78011_21

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWMH6373ATF09 WALSIN-RFASWMH6373ATF09 Datasheet
563Kb / 8P
   Any2G/3G/4G Band for TRx system
RFASWK119ATF09 WALSIN-RFASWK119ATF09 Datasheet
611Kb / 9P
   Any 2G/3G/4G Band for TRx System
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
RFASWAM3489ATF09 WALSIN-RFASWAM3489ATF09 Datasheet
541Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWB022ATF09 WALSIN-RFASWB022ATF09 Datasheet
650Kb / 8P
   Any 2G/3G/4G Band For TRx System
RFASWDH2418PTF09 WALSIN-RFASWDH2418PTF09 Datasheet
672Kb / 8P
   Any 2G/3G/4G Band for TRx System
RMASME494ATF03 WALSIN-RMASME494ATF03 Datasheet
881Kb / 16P
   Any 2G/3G/4G Band for TRx system
RFASWB438ATF09 WALSIN-RFASWB438ATF09 Datasheet
633Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWA141ATF09 WALSIN-RFASWA141ATF09 Datasheet
577Kb / 9P
   Any 2G/3G/4G Band for TRx System
RFASWA351ATF06 WALSIN-RFASWA351ATF06 Datasheet
605Kb / 8P
   Any 2G/3G/4G Band for TRx system
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com