Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3384 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # CBT3384
Description  10-bit bus switch with 5-bit output enables
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3384 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CBT3384_15 Datasheet HTML 6Page - NXP Semiconductors CBT3384_15 Datasheet HTML 7Page - NXP Semiconductors CBT3384_15 Datasheet HTML 8Page - NXP Semiconductors CBT3384_15 Datasheet HTML 9Page - NXP Semiconductors CBT3384_15 Datasheet HTML 10Page - NXP Semiconductors CBT3384_15 Datasheet HTML 11Page - NXP Semiconductors CBT3384_15 Datasheet HTML 12Page - NXP Semiconductors CBT3384_15 Datasheet HTML 13Page - NXP Semiconductors CBT3384_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CBT3384_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 2 November 2009
10 of 14
NXP Semiconductors
CBT3384
10-bit bus switch with 5-bit output enables
Fig 10. Package outline SOT556-1 (SSOP24)
UNIT
A1
A2
A3
HE
Lp
bp
cD(1)
E(1)
Z(1)
eL
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.25
0.10
1.55
1.40
0.25
0.31
0.20
0.25
0.18
8.8
8.6
4.0
3.8
0.635
1
6.2
5.8
0.89
0.41
1.05
0.66
8
0
o
o
8
0
o
o
0.18
0.25
0.1
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
Note
1. Plastic or metal protrusions of 0.2 mm (0.008 inch) maximum per side are not included.
SOT556-1
99-12-27
03-02-18
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
1
12
24
13
θ
A
A1
A2
L p
detail X
L
(A )
3
MO-137
0
2.5
5 mm
scale
SSOP24: plastic shrink small outline package; 24 leads; body width 3.9 mm; lead pitch 0.635 mm
SOT556-1
A
max.
1.73
inches
0.0098
0.0040
0.061
0.055
0.01
0.012
0.008
0.0098
0.0075
0.344
0.337
0.157
0.150
0.025
0.041
0.244
0.228
0.035
0.016
0.040
0.026
0.007
0.01
0.004
0.068


Similar Part No. - CBT3384_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CBT3384A TI-CBT3384A Datasheet
296Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH
logo
NXP Semiconductors
CBT3384D PHILIPS-CBT3384D Datasheet
106Kb / 10P
   10-bit bus switch with 5-bit output enables and Schottky undershoot protection
2001 Dec 20
logo
Nexperia B.V. All right...
CBT3384D NEXPERIA-CBT3384D Datasheet
213Kb / 11P
   10-bit bus switch with 5-bit output enables
Rev. 7 - 6 March 2019
logo
NXP Semiconductors
CBT3384DB PHILIPS-CBT3384DB Datasheet
106Kb / 10P
   10-bit bus switch with 5-bit output enables and Schottky undershoot protection
2001 Dec 20
CBT3384DK PHILIPS-CBT3384DK Datasheet
106Kb / 10P
   10-bit bus switch with 5-bit output enables and Schottky undershoot protection
2001 Dec 20
More results

Similar Description - CBT3384_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3384 NEXPERIA-74CBTLV3384 Datasheet
857Kb / 19P
   10-bit bus switch with 5-bit output enables
CBT3384 NEXPERIA-CBT3384 Datasheet
213Kb / 11P
   10-bit bus switch with 5-bit output enables
Rev. 7 - 6 March 2019
logo
NXP Semiconductors
74CBTLV3384 PHILIPS-74CBTLV3384_15 Datasheet
165Kb / 18P
   10-bit bus switch with 5-bit output enables
Rev. 2-16 December 2011
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
   10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with 5-bit output enables
CBTD3384 NEXPERIA-CBTD3384 Datasheet
229Kb / 13P
   10-bit level shifting bus switch with 5-bit output enables
Rev. 10 - 12 March 2021
logo
NXP Semiconductors
CBTD3384 PHILIPS-CBTD3384 Datasheet
109Kb / 12P
   10-bit level shifting bus switch with 5-bit output enables
2001 Dec 20
CBTD3384 PHILIPS-CBTD3384_15 Datasheet
136Kb / 17P
   10-bit level shifting bus switch with 5-bit output enables
Rev. 8-12 December 2012
logo
Nexperia B.V. All right...
CBT16210 NEXPERIA-CBT16210 Datasheet
197Kb / 9P
   20-bit bus switch with 10-bit output enables
2000 Oct 12
logo
NXP Semiconductors
CBT16210 PHILIPS-CBT16210 Datasheet
78Kb / 8P
   20-bit bus switch with 10-bit output enables
2000 Oct 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com