Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY77585 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77585
Description  Quad-band cellular handsets encompassing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77585 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77585 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77585 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203211A • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice. • May 28, 2014
1
PRODUCT SUMMARY
SKY77585 Tx-Rx Quad-Band Front-End Module for
GSM/GPRS (824-915 MHz) (1710-1910 MHz)
w/ Four Linear TRx Switch Ports
Applications
• Quad-band cellular
handsets encompassing
- Class 4 GSM850/GSM900
- DCS1800/PCS1900
- Class 12 GPRS multi-slot
operation
- EDGE downlink
compatible
Features
• High efficiency
• Low transmit supply current
• 50 Ω matched input/output
• Tx–VCO-to-antenna and
antenna-to-Rx-SAW filter
RF interface
• RF switch affords high
linearity, low insertion loss,
and 0 V DC on Rx ports
• Small, low profile package
- 6 mm x 6 mm x 0.9 mm
- 28-pad configuration
Description
SKY77585 is a transmit and receive Front-End Module (FEM) with integrated power amplifier control
designed in a low profile, compact form factor for quad-band cellular handsets comprising
GSM850/GSM900 and DCS1800/PCS1900 operation. The SKY77585 offers a complete Transmit VCO-
to-Antenna and Antenna-to-Receive SAW filter solution. The FEM also supports Class 12 General
Packet Radio Service (GPRS) multi-slot operation and EDGE downlink.
The module consists of a GSM850/GSM900 PA block and a DCS1800/PCS1900 PA block, impedance-
matching circuitry for 50
Ω input and output impedances, Tx harmonics filtering, high linearity/low
insertion loss RF switch, and a Power Amplifier Control (PAC) block. One PA block supports the
GSM850/GSM900 bands and the other PA block supports the DCS1800/PCS1900 bands. Both PA
blocks share common power supply pads to distribute current. The output of each PA block and the
outputs to the four receive pads are connected to the antenna pad through an RF switch. Four
broadband interchangeable receive ports provide flexibility to support multimode and multiband
configurations. The GaAs die, the CMOS die, the Switch die, and passive components are mounted on
a multi-layer laminate substrate. The assembly is encapsulated with plastic overmold.
Band selection and control of transmit and receive are performed using four external control pads.
Refer to the block diagram in Figure 1 below. The band select pad, BS1, BS2, Mode, and TxEN select
GSM850, GSM900, DCS, and PCS modes of operation.
Transmit enable TxEN controls receive or transmit mode of the RF switch (Tx = logic 1). Proper timing
between transmit enable TxEN and Analog Power Control VRAMP allows for high isolation between the
antenna and Tx–VCO while the VCO is being tuned prior to the transmit burst.
The SKY77585 is compatible with logic levels from 1.2 V to 2.9 V for BS1, BS2, MODE, and TxEN
pads.


Similar Part No. - SKY77585

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77580 SKYWORKS-SKY77580 Datasheet
79Kb / 2P
   Dual-band cellular handsets encompassing
SKY77582 SKYWORKS-SKY77582 Datasheet
93Kb / 2P
   Low transmit supply current
SKY77584 SKYWORKS-SKY77584 Datasheet
77Kb / 2P
   Low transmit supply current
SKY77589 SKYWORKS-SKY77589 Datasheet
78Kb / 2P
   Low transmit supply current - 1.35A
More results

Similar Description - SKY77585

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77576 SKYWORKS-SKY77576_11 Datasheet
85Kb / 2P
   Quad-band cellular handsets encompassing
SKY77573 SKYWORKS-SKY77573_21 Datasheet
84Kb / 2P
   Quad-band cellular handsets encompassing
SKY77570 SKYWORKS-SKY77570_12 Datasheet
82Kb / 2P
   Quad-band cellular handsets encompassing
SKY77573 SKYWORKS-SKY77573_31 Datasheet
82Kb / 2P
   Quad-band cellular handsets encompassing
SKY77590 SKYWORKS-SKY77590 Datasheet
87Kb / 2P
   Quad-band cellular handsets encompassing
SKY77580 SKYWORKS-SKY77580 Datasheet
79Kb / 2P
   Dual-band cellular handsets encompassing
SKY77916 SKYWORKS-SKY77916_11 Datasheet
96Kb / 2P
   Cellular handsets encompassing Quad-Band GSM-EDGE
logo
Guangdong Youtai Semico...
BST23AXX2V UMW-BST23AXX2V Datasheet
411Kb / 5P
   Cellular Handsets and Accessories
logo
Shanghai Leiditech Elec...
ESD1221 LEIDITECH-ESD1221 Datasheet
676Kb / 4P
   Cellular Handsets and Accessories
logo
WJ Communication. Inc.
MH303 WJCI-MH303_06 Datasheet
103Kb / 3P
   Cellular-band Quad-FET Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com