Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTD16211 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBTD16211
Description  24-bit level shifting bus exchange switch with 12-bit output enables
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTD16211 Datasheet(HTML) 3 Page - NXP Semiconductors

  CBTD16211_15 Datasheet HTML 1Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 2Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 3Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 4Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 5Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 6Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 7Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 8Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product data
CBTD16211
24-bit level shifting bus exchange switch
with 12-bit output enables
2001 Jun 13
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
21
22
23
24
49
50
51
52
53
54
55
56
25
26
27
28
32
31
30
29
NC
1A1
1A2
1A3
1A4
1A5
1A6
GND
1A7
1A8
1A9
1A10
1A11
1A12
2A1
2A2
VCC
2A3
GND
2A4
2A5
2A6
2A7
2A8
2A9
2A10
2A11
2A12
1OE
2OE
1B1
1B2
1B3
1B4
1B5
GND
1B6
1B7
1B8
1B9
1B10
1B11
1B12
2B1
2B2
2B3
GND
2B4
2B5
2B6
2B7
2B8
2B9
2B10
2B11
2B12
SA00509
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
NC
No internal connection
56, 55
1OE, 2OE
Output enables
2, 3, 4, 5, 6, 7, 9, 10,
11, 12, 13, 14
1A1-1A12
Inputs
54, 53, 52, 51, 50, 48,
47, 46, 45, 44, 43, 42
1B1-1B12
Outputs
15, 16, 18, 20, 21, 22,
23, 24, 25, 26, 27, 28
2A1-2A12
Inputs
41, 40, 39, 37, 36, 35,
34, 33, 32, 31, 30, 29
2B1-2B12
Outputs
8, 19, 38, 49
GND
Ground (0 V)
17
VCC
Positive supply voltage


Similar Part No. - CBTD16211_15

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
CBTD16211DGG ICST-CBTD16211DGG Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
CBTD16211DL ICST-CBTD16211DL Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
More results

Similar Description - CBTD16211_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBTD16211 NEXPERIA-CBTD16211 Datasheet
201Kb / 11P
   24-bit level shifting bus exchange switch with 12-bit output enables
2001 Jun 13
logo
Integrated Circuit Syst...
CBTD16211 ICST-CBTD16211 Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBTD16212 PHILIPS-CBTD16212 Datasheet
85Kb / 10P
   24-bit level shifting bus exchange switch WITH 12-BIT OUTPUT ENABIES
2001 Sep 28
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
   24-bit bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBT16213 PHILIPS-CBT16213 Datasheet
76Kb / 10P
   24-bit bus exchange switch with 12-bit output enables
2001 Jan 19
CBT16212 NXP-CBT16212 Datasheet
81Kb / 12P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
CBT16212 PHILIPS-CBT16212_15 Datasheet
89Kb / 12P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
logo
Nexperia B.V. All right...
CBT16212 NEXPERIA-CBT16212 Datasheet
203Kb / 13P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02 - 3 November 2008
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with 5-bit output enables
logo
NXP Semiconductors
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
   10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com